Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5T-YV1S/Q Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R5T-YV1S/Q
Description  Remote I/O R5 Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R5T-YV1S/Q Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R5T-YV1S/Q Datasheet HTML 1Page - M-System Co.,Ltd. R5T-YV1S/Q Datasheet HTML 2Page - M-System Co.,Ltd. R5T-YV1S/Q Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: R5T-YV
R5T-YV SPECIFICATIONS
ES-6123 Rev.8 Page 1/3
https://www.m-system.co.jp/
Remote I/O R5 Series
DC VOLTAGE OUTPUT MODULE
(screw terminal block)
137
[5.39]
18 [.71]
90
[3.54]
mm [inch]
MODEL: R5T-YV[1][2][3]
ORDERING INFORMATION
• Code number: R5T-YV[1][2][3]
Specify a code from below for each of [1] through [3].
(e.g. R5T-YV2W/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] NO. OF CHANNELS
1: 1
2: 2
[2] COMMUNICATION MODE
S: Single
W: Dual
[3] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Connection
Internal bus: Via the Installation Base (model: R5-BS)
Output: M3.5 screw terminal block (torque 0.8 N·m)
Internal power: Via the base (model: R5-BS)
Screw terminal: Nickel-plated steel (standard) or stainless
steel
Isolation: Output 1 to output 2 to internal bus or internal
power
Output range: Selectable with the side DIP SW
RUN indicator: Bi-color (red/green) LED;
Red when the bus A operates normally;
Green when the bus B operates normally;
Amber when both buses operate normally.
OUTPUT SPECIFICATIONS
■ Narrow Span: -1 – +1 V, 0 – 1 V DC
Load resistance: 10 kΩ min.
■ Wide Span: -10 – +10 V, -5 – +5 V, 0 – 10 V, 0 – 5 V, 1 – 5
V DC
Load resistance: 10 kΩ min.
■ Output Range
Except -10 to +10 V DC: -15 to +115 % of output range
-10 to +10 V DC: Approx. -11.5 to +11.5 V DC
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R5-BS)
Weight: 110 g (0.24 lb)
PERFORMANCE
Output range v.s. conversion accuracy
(Narrow span) -1 – +1 V DC : ±0.1 (%)
0 – 1 V DC : ±0.1
(Wide span) -10 – +10 V DC : ±0.05
-5 – +5 V DC : ±0.05
0 – 10 V DC : ±0.05
0 – 5 V DC : ±0.05
1 – 5 V DC : ±0.05
Data range: 0 – 10000 of the output range
Data allocation: 1 (2 for 2-channel type)
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Response time: ≤ 0.2 sec. (0 – 90 %)
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute
(output 1 to output 2 to internal bus or internal power)
2000 V AC @ 1 minute (power input to FG; isolated on the
power supply module)


Similar Part No. - R5T-YV1S/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R5T-YS1S MSYSTEM-R5T-YS1S Datasheet
110Kb / 3P
Remote I/O R5 Series 4 - 20 mA OUTPUT MODULE
R5T-YS1S/A MSYSTEM-R5T-YS1S/A Datasheet
110Kb / 3P
Remote I/O R5 Series 4 - 20 mA OUTPUT MODULE
R5T-YS1W MSYSTEM-R5T-YS1W Datasheet
110Kb / 3P
Remote I/O R5 Series 4 - 20 mA OUTPUT MODULE
R5T-YS1W/A MSYSTEM-R5T-YS1W/A Datasheet
110Kb / 3P
Remote I/O R5 Series 4 - 20 mA OUTPUT MODULE
R5T-YS2S MSYSTEM-R5T-YS2S Datasheet
110Kb / 3P
Remote I/O R5 Series 4 - 20 mA OUTPUT MODULE
More results

Similar Description - R5T-YV1S/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R5-TDC4 MSYSTEM-R5-TDC4 Datasheet
117Kb / 3P
Remote I/O R5 Series
R5-TCTA MSYSTEM-R5-TCTA Datasheet
115Kb / 3P
Remote I/O R5 Series
R5-TCT MSYSTEM-R5-TCT Datasheet
104Kb / 3P
Remote I/O R5 Series
R5-SS MSYSTEM-R5-SS Datasheet
110Kb / 3P
Remote I/O R5 Series
R5-RSA MSYSTEM-R5-RSA Datasheet
123Kb / 3P
Remote I/O R5 Series
R5-RS MSYSTEM-R5-RS Datasheet
126Kb / 3P
Remote I/O R5 Series
R5-PA2 MSYSTEM-R5-PA2 Datasheet
114Kb / 3P
Remote I/O R5 Series
R5-YV MSYSTEM-R5-YV Datasheet
112Kb / 3P
Remote I/O R5 Series
R5-TSV MSYSTEM-R5-TSV Datasheet
109Kb / 3P
Remote I/O R5 Series
R5-TS1A MSYSTEM-R5-TS1A Datasheet
126Kb / 4P
Remote I/O R5 Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com