Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5T-YV2W/Q Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R5T-YV2W/Q
Description  Remote I/O R5 Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R5T-YV2W/Q Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R5T-YV2W/Q Datasheet HTML 1Page - M-System Co.,Ltd. R5T-YV2W/Q Datasheet HTML 2Page - M-System Co.,Ltd. R5T-YV2W/Q Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: R5T-YV
R5T-YV SPECIFICATIONS
ES-6123 Rev.8 Page 2/3
https://www.m-system.co.jp/
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
FUNCTIONS
Output hold function:
In normal conditions, the module outputs the signal from
the preferred bus A.
When an error is detected, the output is switched to the
data from the bus B.
If both are in error, the module holds the signal and stands
by until one of the communications recovers.
At the startup, it outputs -15 % (or approx. -11.5 V) of the
selected range until the communication is established and
normal data is received.
EXTERNAL VIEW
RUN
4
3
2
1
6
5
RUN LED
1
Output 1 Output 2
2 3 4 5 6 7 8
■ SIDE VIEW
■ FRONT VIEW
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm [inch]
4
3
2
1
6
5
38.5 [1.52]
98.5 [3.88]
TERMINAL COVER
6–M3.5
TERMINAL
SCREWS
8.2 [.32]
7.2 [.28]
LOCKING CLAMP
18 [.71]
POSITIONING GUIDE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com