Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5-MS1AS Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R5-MS1AS
Description  Remote I/O R5 Series POTENTIOMETER INPUT MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R5-MS1AS Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R5-MS1AS Datasheet HTML 1Page - M-System Co.,Ltd. R5-MS1AS Datasheet HTML 2Page - M-System Co.,Ltd. R5-MS1AS Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: R5-MS1A
R5-MS1A SPECIFICATIONS
ES-7580 Rev.6 Page 2/3
http://www.m-system.co.jp/
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581
FUNCTIONS
• Zero/Span Adjustment Modes
Monitor Mode
Re-transmits the input signal as output in proportion.
Input 0 % Adjustment Mode
Adjusts the 0% input signal. Press the UP button to set.
Input 100 % Adjustment Mode
Adjusts the 100 % input signal. Press the UP button to set.
Output 0 % Adjustment Mode
Adjusts the 0 % output signal using the UP/DOWN buttons,
in monitoring the output value with a multimeter.
SW1 through SW3 switch the internal increments by 1, 5
and 10.
Output 100 % Adjustment Mode
Adjusts the 100 % output signal using the UP/DOWN
buttons, in monitoring the output value with a multimeter.
SW4 through SW6 switch the internal increments by 1, 5
and 10.
Simulated Output Mode
Outputs the simulated signals of 0 %, 50 % and 100 %.
• How to Operate
1) Start up in Monitor Mode (SW position = 0) and wait for 2
or 3 seconds.
2) Switch to another mode and go through the adjustments.
3) Reset the switch to the position ‘0’ so that the new
setting is stored in the internal memory.
EXTERNAL VIEW
4 5 6
1 2 3
RUN
UP
DOWN
6
3 4 5
RUN LED
Zero/Span Adj.
Mode Selector
UP Button
DOWN Button
Euro Type
Connector Terminal



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com