Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5-MS2W Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R5-MS2W
Description  Remote I/O R5 Series POTENTIOMETER INPUT MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R5-MS2W Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R5-MS2W Datasheet HTML 1Page - M-System Co.,Ltd. R5-MS2W Datasheet HTML 2Page - M-System Co.,Ltd. R5-MS2W Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: R5-MS
R5-MS SPECIFICATIONS
ES-6146 Rev.6 Page 1/3
http://www.m-system.co.jp/
Remote I/O R5 Series
POTENTIOMETER INPUT MODULE
96.5
(3.80)
18 (.71)
90
(3.54)
mm (inch)
3
2
MODEL: R5-MS[1][2][3]
ORDERING INFORMATION
• Code number: R5-MS[1][2][3]
Specify a code from below for each [1] through [3].
(e.g. R5-MS2W/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] NO. OF CHANNELS
1: 1 channel
2: 2 channels
[2] COMMUNICATION MODE
S: Single
W: Dual
[3] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
GENERAL SPECIFICATIONS
Connection
Internal bus: Via the Installation Base (model: R5-BS)
Input: Euro type connector terminal
(Applicable wire size: 0.2 – 2.5 mm2 (AWG24 - 12),
stripped length 7 mm)
Internal power: Via the base (model: R5-BS)
Isolation: Input 1 to input 2 to internal bus or internal power
Zero/Span adj. mode selector: Rotary switch; run mode and
adj. mode selectable
RUN indicator: Bi-color (red/green) LED;
Red when the bus A operates normally;
Green when the bus B operates normally;
Amber when both buses operate normally.
INPUT SPECIFICATIONS
Total resistance: 100 Ω – 10 kΩ
Minimum span: 50 % of the total resistance range
Excitation: 0.5 V DC
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R5-BS)
Weight: 100 g (3.53 oz)
PERFORMANCE
Conversion accuracy: ±0.1 %
Data range: 0 – 10000 of the input range
Data allocation: 1 (2 for 2-channel type)
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Resolution: 1/10000 of the total resistance range
(Reduced by the actual range determined zero/ span
positions. Minimum 50 % of the total resistance range must
be maintained.)
Response time: ≤ 0.1 sec. (0 – 90 %)
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute (input 1 to input
2 to internal bus or internal power)
2000 V AC @ 1 minute (power input to FG; isolated on the
power supply module)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581


Similar Part No. - R5-MS2W

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R5-MS1A MSYSTEM-R5-MS1A Datasheet
108Kb / 3P
Remote I/O R5 Series POTENTIOMETER INPUT MODULE
R5-MS1AS MSYSTEM-R5-MS1AS Datasheet
108Kb / 3P
Remote I/O R5 Series POTENTIOMETER INPUT MODULE
R5-MS1AS/Q MSYSTEM-R5-MS1AS/Q Datasheet
108Kb / 3P
Remote I/O R5 Series POTENTIOMETER INPUT MODULE
R5-MS1AW MSYSTEM-R5-MS1AW Datasheet
108Kb / 3P
Remote I/O R5 Series POTENTIOMETER INPUT MODULE
R5-MS1AW/Q MSYSTEM-R5-MS1AW/Q Datasheet
108Kb / 3P
Remote I/O R5 Series POTENTIOMETER INPUT MODULE
More results

Similar Description - R5-MS2W

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R5-TCT MSYSTEM-R5-TCT Datasheet
104Kb / 3P
Remote I/O R5 Series
R5-TTS MSYSTEM-R5-TTS Datasheet
124Kb / 3P
Remote I/O R5 Series THERMOCOUPLE INPUT MODULE
R5-TSS MSYSTEM-R5-TSS Datasheet
110Kb / 3P
Remote I/O R5 Series DC CURRENT INPUT MODULE
R5-TS MSYSTEM-R5-TS Datasheet
122Kb / 3P
Remote I/O R5 Series THERMOCOUPLE INPUT MODULE
R5-TPA2 MSYSTEM-R5-TPA2 Datasheet
116Kb / 3P
Remote I/O R5 Series TOTALIZED PULSE INPUT MODULE
R5-NM1 MSYSTEM-R5-NM1 Datasheet
216Kb / 7P
Remote I/O R5 Series MODBUS INTERFACE MODULE
R5-MS1A MSYSTEM-R5-MS1A Datasheet
108Kb / 3P
Remote I/O R5 Series POTENTIOMETER INPUT MODULE
R5-DC16 MSYSTEM-R5-DC16 Datasheet
127Kb / 4P
Remote I/O R5 Series DISCRETE OUTPUT MODULE
R5-DA4 MSYSTEM-R5-DA4 Datasheet
120Kb / 3P
Remote I/O R5 Series DISCRETE INPUT MODULE
R5-DA16 MSYSTEM-R5-DA16 Datasheet
147Kb / 5P
Remote I/O R5 Series DISCRETE INPUT MODULE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com