Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5-MS2S/Q Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R5-MS2S/Q
Description  Remote I/O R5 Series POTENTIOMETER INPUT MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R5-MS2S/Q Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R5-MS2S/Q Datasheet HTML 1Page - M-System Co.,Ltd. R5-MS2S/Q Datasheet HTML 2Page - M-System Co.,Ltd. R5-MS2S/Q Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: R5-MS
R5-MS SPECIFICATIONS
ES-6146 Rev.6 Page 2/3
http://www.m-system.co.jp/
FUNCTIONS
• Zero/Span Adjustment Modes
Run Mode
Normal operating mode
Input 0 % Adjustment Mode
Apply the actual 0% input and press SET.
Input 100 % Adjustment Mode
Apply the actual 100 % input and press SET.
• How to Operate
1) Start up in Monitor Mode (SW position = 0) and wait for 2
or 3 seconds.
2) Switch to another mode and go through the adjustments.
3) Reset the switch to the position ‘0’ so that the new
setting is stored in the internal memory.
• Cautions on the LEDs
1) Mode switching from Run to another mode becomes
effective when SET button is touched and the LED for the
respective mode starts blinking after the rotary switch
setting has been changed.
2) Mode switching back to Monitor becomes effective
automatically in a few seconds after the switch is reset to
‘0’ and is confirmed with the LED stopping blinking.
EXTERNAL VIEW
RUN LED
Zero/Span Adj.
Mode Selector
3
2
4 5 6
1 2 3
RUN
SET
SET Button
Euro Type
Connector Terminals



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com