Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5-DSS/Q Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R5-DSS/Q
Description  Remote I/O R5 Series 4 ??20 mA INPUT MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R5-DSS/Q Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R5-DSS/Q Datasheet HTML 1Page - M-System Co.,Ltd. R5-DSS/Q Datasheet HTML 2Page - M-System Co.,Ltd. R5-DSS/Q Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: R5-DS
R5-DS SPECIFICATIONS
ES-6118 Rev.8 Page 3/3
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
INPUT 1
2
1
3
+
–
INPUT
+
2W-XMTR EXC
INTERNAL POWER
INTERNAL BUS A
INTERNAL BUS B*
*For dual redundant communication.
N
ote: The section enclosed by broken line is with 2-ch. option.
Control
Circuit
RUN LED
Communication
Circuit
Excitation
Supply
Isolation
INPUT 2
5
4
6
+
–
INPUT
+
2W-XMTR EXC
Excitation
Supply
Isolation
1
2
3
■ When Used as Current Input
+
–
INPUT
+
2
1
3
■ When Used as DC Supply
+
+
–
2-WIRE
TRANSMITTER
–
+
5
4
6
+
+
–
2-WIRE
TRANSMITTER
–
+
1
2
3
+
–
INPUT
+
1
2
3
+
–
INPUT
+ 4
5
6
+
–
INPUT
+
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com