Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5-DA4S/Q Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R5-DA4S/Q
Description  Remote I/O R5 Series DISCRETE INPUT MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R5-DA4S/Q Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R5-DA4S/Q Datasheet HTML 1Page - M-System Co.,Ltd. R5-DA4S/Q Datasheet HTML 2Page - M-System Co.,Ltd. R5-DA4S/Q Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: R5-DA4
R5-DA4 SPECIFICATIONS
ES-6124 Rev.9 Page 3/3
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
INTERNAL
POWER
INTERNAL BUS A
INTERNAL BUS B*
*For dual redundant communication.
N
ote: Italic typed numbers correspond to the LEDs on the front panel.
1
5
2
3
6
4
Control
Circuit
Di 1
Di 2
COM1(–)
Di 3
Di 4
COM2(–)
1
2
3
4
Isolation
Isolation
Communication
Circuit
24V DC
24V DC
■ EXTERNAL
EXCITATION
(Negative common)
1
5
2
3
6
4
Di 1
Di 2
COM1(+)
Di 3
Di 4
COM2(+)
24V DC
24V DC
■ EXTERNAL EXCITATION
(Positive common)
1
5
2
3
6
4
Di 1
Di 2
COM1(–)
Di 3
Di 4
COM2(–)
■ INTERNAL EXCITATION
STATUS
INDICATOR LED
• • • • •
RUN LED
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com