Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5-DA4W/Q Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R5-DA4W/Q
Description  Remote I/O R5 Series DISCRETE INPUT MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R5-DA4W/Q Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R5-DA4W/Q Datasheet HTML 1Page - M-System Co.,Ltd. R5-DA4W/Q Datasheet HTML 2Page - M-System Co.,Ltd. R5-DA4W/Q Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: R5-DA4
R5-DA4 SPECIFICATIONS
ES-6124 Rev.9 Page 1/3
http://www.m-system.co.jp/
Remote I/O R5 Series
DISCRETE INPUT MODULE
(Di 4 points)
96.5
(3.80)
18 (.71)
90
(3.54)
mm (inch)
MODEL: R5-DA4[1][2]
ORDERING INFORMATION
• Code number: R5-DA4[1][2]
Specify a code from below for each [1] and [2].
(e.g. R5-DA4W/A/Q)
• Specify the specification for option code /Q
(e.g. /C01)
NO. OF CHANNELS
4: 4
[1] COMMUNICATION MODE
S: Single
W: Dual
[2] OPTIONS (multiple selections)
Excitation
Blank: Internal
/A: External (24 V DC, positive common)
/B: External (24 V DC, negative common)
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
GENERAL SPECIFICATIONS
Connection
Internal bus: Via the Installation Base (model: R5-BS)
Input: Euro type connector terminal
(Applicable wire size: 0.2 – 2.5 mm2 (AWG24 - 12),
stripped length 7 mm)
Internal power: Via the base (model: R5-BS)
Isolation: Di1 or Di2 to Di3 or Di4 to internal bus or internal
power
RUN indicator: Bi-color (red/green) LED;
Red when the bus A operates normally;
Green when the bus B operates normally;
Amber when both buses operate normally.
Input status indicator: Red LED; turns on with the inputs ON.
INPUT SPECIFICATIONS
■ Internal Excitation
Input: Dry contact, 4 points
Common: Negative, every 2 points
Contact detecting: Max. 24 V DC
ON voltage, current: ≥ 15 V, ≥ 2.5 mA
OFF voltage, current: ≤ 6 V, ≤ 1 mA
■ External Excitation (Positive common)
Input: 24 V DC, 4 points (input resistance 6 kΩ)
Common: every 2 points
Contact detecting: external 24 V DC ±10 %
ON voltage, current: ≥ 15 V, ≥ 2.5 mA
OFF voltage, current: ≤ 6 V, ≤ 1 mA
■ External Excitation (Negative common)
Input: 24 V DC, 4 points (input resistance 6 kΩ)
Common: every 2 points
Contact detecting: external 24 V DC ±10 %
ON voltage, current: ≥ 15 V, ≥ 2.5 mA
OFF voltage, current: ≤ 6 V, ≤ 1 mA
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R5-BS)
Weight: 100 g (3.53 oz)
PERFORMANCE
Data allocation: 1
Response time: ≤ 0.1 sec.
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute (Di 1 or Di 2 to Di
3 or Di 4 to internal bus or internal power)
2000 V AC @ 1 minute (power input to FG; isolated on the
power supply module)


Similar Part No. - R5-DA4W/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R5-DA16 MSYSTEM-R5-DA16 Datasheet
147Kb / 5P
Remote I/O R5 Series DISCRETE INPUT MODULE
R5-DA16S MSYSTEM-R5-DA16S Datasheet
147Kb / 5P
Remote I/O R5 Series DISCRETE INPUT MODULE
R5-DA16S/A MSYSTEM-R5-DA16S/A Datasheet
147Kb / 5P
Remote I/O R5 Series DISCRETE INPUT MODULE
R5-DA16S/Q MSYSTEM-R5-DA16S/Q Datasheet
147Kb / 5P
Remote I/O R5 Series DISCRETE INPUT MODULE
R5-DA16W MSYSTEM-R5-DA16W Datasheet
147Kb / 5P
Remote I/O R5 Series DISCRETE INPUT MODULE
More results

Similar Description - R5-DA4W/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R5-TTS MSYSTEM-R5-TTS Datasheet
124Kb / 3P
Remote I/O R5 Series THERMOCOUPLE INPUT MODULE
R5-TSS MSYSTEM-R5-TSS Datasheet
110Kb / 3P
Remote I/O R5 Series DC CURRENT INPUT MODULE
R5-TS MSYSTEM-R5-TS Datasheet
122Kb / 3P
Remote I/O R5 Series THERMOCOUPLE INPUT MODULE
R5-TPA2 MSYSTEM-R5-TPA2 Datasheet
116Kb / 3P
Remote I/O R5 Series TOTALIZED PULSE INPUT MODULE
R30XN16A MSYSTEM-R30XN16A Datasheet
174Kb / 4P
Remote I/O R30 Series DISCRETE INPUT MODULE
R5-MS1A MSYSTEM-R5-MS1A Datasheet
108Kb / 3P
Remote I/O R5 Series POTENTIOMETER INPUT MODULE
R5-MS MSYSTEM-R5-MS Datasheet
112Kb / 3P
Remote I/O R5 Series POTENTIOMETER INPUT MODULE
R5-DC4 MSYSTEM-R5-DC4 Datasheet
113Kb / 3P
Remote I/O R5 Series DISCRETE OUTPUT MODULE
R5-DC16 MSYSTEM-R5-DC16 Datasheet
127Kb / 4P
Remote I/O R5 Series DISCRETE OUTPUT MODULE
R5-DA16 MSYSTEM-R5-DA16 Datasheet
147Kb / 5P
Remote I/O R5 Series DISCRETE INPUT MODULE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com