Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3Y-YV8S/Q Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R3Y-YV8S/Q
Description  Remote I/O R3 Series DC VOLTAGE OUTPUT MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3Y-YV8S/Q Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R3Y-YV8S/Q Datasheet HTML 1Page - M-System Co.,Ltd. R3Y-YV8S/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3Y-YV8S/Q Datasheet HTML 3Page - M-System Co.,Ltd. R3Y-YV8S/Q Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: R3Y-YV8
R3Y-YV8 SPECIFICATIONS
ES-8953 Rev.8 Page 2/4
https://www.m-system.co.jp/
Dielectric strength: 1000 V AC @ 1 minute
(output 1 to output 2 to output 3 to output 4 to output 5 to
output 6 to output 7 to output 8 to internal bus or internal
power)
2000 V AC @ 1 minute (power input to FG;
isolated on the power supply module)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
FUNCTIONS
■OUTPUT HOLD or OUTPUT OFF
In normal conditions, the module outputs the signal from
the preferred bus A. When an error is detected, the output
is switched to the data from the bus B.
•Output Hold
If both are in error, the module holds the signal and stands
by until one of the communications recovers.
•Output OFF
If both are in error, the module outputs -15 % (or approx.
-11.5 V) and stands by until one of the communications
recovers.
At the startup, it outputs -15 % (or approx. -11.5 V) until the
communication is established and normal data is received.
EXTERNAL VIEW
■ SIDE VIEW
■ FRONT VIEW
RUN LED
ERR LED
• Pin Assignment
B
20
A
20
B
1
A
1
Output Connector
SW2
SW1
ON
1
2
3
4
5
6
7
8
ON
ON
1
2
3
4
5
6
7
8
SW3
1
2
3
4
Range
Output 1-4 (SW1)
or
Output 5-8 (SW2)
Output
Hold



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com