Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3Y-YS4S/H Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R3Y-YS4S/H
Description  Remote I/O R3 Series DC CURRENT OUTPUT MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3Y-YS4S/H Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R3Y-YS4S/H Datasheet HTML 1Page - M-System Co.,Ltd. R3Y-YS4S/H Datasheet HTML 2Page - M-System Co.,Ltd. R3Y-YS4S/H Datasheet HTML 3Page - M-System Co.,Ltd. R3Y-YS4S/H Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: R3Y-YS4
R3Y-YS4 SPECIFICATIONS
ES-8961 Rev.10 Page 2/4
https://www.m-system.co.jp/
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
FUNCTIONS
■OUTPUT HOLD or OUTPUT OFF
In normal conditions, the module outputs the signal from
the preferred bus A.
When an error is detected, the output is switched to the
data from the bus B.
•Output Hold
If both are in error, the module holds the signal and stands
by until one of the communications recovers.
•Output OFF
If both are in error, the module outputs -15 % and stands by
until one of the communications recovers.
At the startup, it outputs -15 % until the communication is
established and normal data is received.
EXTERNAL VIEW
B
20
A
20
B
1
A
1
RUN LED
ERR LED
Output Connector
■ FRONT VIEW
• Pin Assignment
■ SIDE VIEW
SW3
4
3
2
1
Output
Hold



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com