Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5-BS16/Q Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R5-BS16/Q
Description  Remote I/O R5 Series INSTALLATION BASE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R5-BS16/Q Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R5-BS16/Q Datasheet HTML 1Page - M-System Co.,Ltd. R5-BS16/Q Datasheet HTML 2Page - M-System Co.,Ltd. R5-BS16/Q Datasheet HTML 3Page - M-System Co.,Ltd. R5-BS16/Q Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MODEL: R5-BS
R5-BS SPECIFICATIONS
ES-6106 Rev.14 Page 4/4
http://www.m-system.co.jp/
■R5-BS16
2 – 4.5 (.18) dia. MTG HOLE
2 (.08) deep
379 (14.92)
359 (14.13)
4.5 (.18)
27
(1.06)
106.5 (4.19)
16.5
(.65)
[5 (.20)]
DIN RAIL
MOUNTING
(35 mm width)
2 – 4.5 (.18) × 6 (.24)
2 (.08) deep
MOUNTING REQUIREMENTS unit: mm (inch)
■ 4 OR 5 I/O MODULE TYPE
137 (5.39)
4–M4 SCREW
*Working space required for mounting/unmounting the modules.
■ 8 OR 9 I/O MODULE TYPE
211 (8.31)
4 – M4 SCREW
*Working space required for mounting/unmounting the modules.
■ 16 I/O MODULE TYPE
359 (14.13)
4.5
(.18)
5–M4 SCREW
*Working space required for mounting/unmounting the modules.
Specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com