Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC75-1012L Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # ABC75-1012L
Description  3 x 2 x 1 Inch Form Factor 75 Watts with Convection Cooling
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC75-1012L Datasheet(HTML) 1 Page - Bel Fuse Inc.

  ABC75-1012L Datasheet HTML 1Page - Bel Fuse Inc. ABC75-1012L Datasheet HTML 2Page - Bel Fuse Inc. ABC75-1012L Datasheet HTML 3Page - Bel Fuse Inc. ABC75-1012L Datasheet HTML 4Page - Bel Fuse Inc. ABC75-1012L Datasheet HTML 5Page - Bel Fuse Inc. ABC75-1012L Datasheet HTML 6Page - Bel Fuse Inc. ABC75-1012L Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
The ABC75 Series of open frame power supplies feature a wide
universal AC input range of 85 V – 264 VAC, offering 75 W of output
power in a compact 3 x 2 x 1 inch footprint, with a variety of isolated
single output voltages.
The high efficiency and high power density of the ABC family ensures
minimal power loss in end-use equipment, thereby facilitating higher
reliability, easier thermal management and meets regulatory approvals
for environmentally-friendly end products.
ABC Series power supplies are ideal for telecom, datacom, industrial
equipment and other applications.
•
3 x 2 x 1 Inch Form Factor
•
75 Watts with Convection Cooling
•
Efficiency up to 93%
•
-40 to 70°C Operating Temperature
•
Thermal Shut-Down Feature
•
2 Million Hours, Telcordia -SR332-Issue 3
•
IEC/EN/UL 62368-1 Certified
•
CCC (China Compulsory Certification approval)
•
No Load Power < 0.3 W
•
RoHS Compliant
•
CE Marked
•
Instrumentation
•
Lighting
•
Industrial Applications
•
Applied Computing
•
Renewable Energy
•
Test and Measurement
•
Robotics
•
Wireless Communication


Similar Part No. - ABC75-1012L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
ABC75-1012L BEL-ABC75-1012L Datasheet
1Mb / 6P
3 x 2 x 1 Inch Form Factor
ABC75-1012L BEL-ABC75-1012L Datasheet
787Kb / 5P
RoHS Compliant
More results

Similar Description - ABC75-1012L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
ABC75-1T12L BEL-ABC75-1T12L Datasheet
1Mb / 6P
3 x 2 x 1 Inch Form Factor
MBC75-1T12L BEL-MBC75-1T12L Datasheet
1Mb / 6P
3 x 2 x 1 Inch Form Factor
MBC550-1T12 BEL-MBC550-1T12 Datasheet
1Mb / 8P
5 x 3 x 1.5 Inch Form Factor
ABC550 BEL-ABC550 Datasheet
1Mb / 8P
5 x 3 x 1.5 Inch Form Factor
MBC75 BEL-MBC75 Datasheet
878Kb / 5P
3 x 2 x 1 Inch Form Factor
ABC120 BEL-ABC120_V01 Datasheet
736Kb / 7P
3 x 2 x 1 Inch Footprint 120 Watts with Forced Air Cooling
ABC150 BEL-ABC150_V01 Datasheet
769Kb / 6P
4 x 2 x 1.3 Inch Form Factor 150 W with Forced-Air Cooling
ABC180 BEL-ABC180_V01 Datasheet
630Kb / 7P
4 x 2 x 0.75 Inch Form Factor 180 Watts with Forced Air Cooling
ABC201 BEL-ABC201_V01 Datasheet
782Kb / 7P
5 x 3 x 1.5 Inch Form Factor 200 W with Forced Air Cooling
MBC150 BEL-MBC150 Datasheet
730Kb / 6P
4 x 2 x 1.3 Inch Form Factor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com