Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF03-SIM02F3 Datasheet(PDF) 4 Page - STMicroelectronics

Part # EMIF03-SIM02F3
Description  3 LINE EMI FILTER INCLUDING ESD PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF03-SIM02F3 Datasheet(HTML) 4 Page - STMicroelectronics

  EMIF03-SIM02F3 Datasheet HTML 1Page - STMicroelectronics EMIF03-SIM02F3 Datasheet HTML 2Page - STMicroelectronics EMIF03-SIM02F3 Datasheet HTML 3Page - STMicroelectronics EMIF03-SIM02F3 Datasheet HTML 4Page - STMicroelectronics EMIF03-SIM02F3 Datasheet HTML 5Page - STMicroelectronics EMIF03-SIM02F3 Datasheet HTML 6Page - STMicroelectronics EMIF03-SIM02F3 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
EMIF03-SIM02F2
4/7
Figure 10: Aplac model
Figure 11: Aplac parameters
Figure 9: Line capacitance versus reverse
applied voltage (typical)
0.00
4.00
8.00
12.00
16.00
20.00
01
23
45
VR(V)
C(pF)
50
Port1
Ls
100m
a2
Port2
50
100m
Ls
a3
100
47
100
0.29
0.31
Dint1
Dint2
0.29
Dint1
0.25
Dext1
0.28
Dext2
0.25
Dext1
Bulk
Lbump
Rbump
Lbump
Rbump
Lbump
Rbump
LbumpRbump
Lbump Rbump
Lbump Rbump
bulk
Rsub Cbump
bulk
Rsub Cbump
a3
bulk
Rsub Cbump
b1
c3
bulk
Rsub
Cbump
bulk
Rsub
Cbump
bulk
Rsub
Cbump
a2
b3
c1
Lbump
Rbump
Lgnd
Rgnd
Cgnd
Ls 950pH
Rs 150m
Cext1 15pF
Cint1 4.5pF
Cext2 14pF
Cint2 4pF
Rbump 20m
Lbump 50pH
Cbump 0.15pF
Rgnd 500m
Lgnd 50pH
Cgnd 0.15pF
Rsub 100m
Model Dint1
BV=15
CJO=Cint1
IBV=1u
IKF=1000
IS=10f
ISR=100p
N=1
M=0.3333
RS=0.001m
VJ=0.6
TT=50n
Model Dext1
BV=15
CJO=Cext1
IBV=1u
IKF=1000
IS=10f
ISR=100p
N=1
M=0.3333
RS=0.001m
VJ=0.6
TT=50n
Model Dint2
BV=15
CJO=Cint2
IBV=1u
IKF=1000
IS=10f
ISR=100p
N=1
M=0.3333
RS=0.001m
VJ=0.6
TT=50n
Model Dext2
BV=15
CJO=Cext2
IBV=1u
IKF=1000
IS=10f
ISR=100p
N=1
M=0.3333
RS=0.001m
VJ=0.6
TT=50n



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com