Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90RF135602 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT90RF135602
Description  INTEGRATED 13.56 MHz CONTACTLESS READER WITH EMBEDED SOFTWARE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90RF135602 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT90RF135602 Datasheet HTML 17Page - ATMEL Corporation AT90RF135602 Datasheet HTML 18Page - ATMEL Corporation AT90RF135602 Datasheet HTML 19Page - ATMEL Corporation AT90RF135602 Datasheet HTML 20Page - ATMEL Corporation AT90RF135602 Datasheet HTML 21Page - ATMEL Corporation AT90RF135602 Datasheet HTML 22Page - ATMEL Corporation AT90RF135602 Datasheet HTML 23Page - ATMEL Corporation AT90RF135602 Datasheet HTML 24Page - ATMEL Corporation AT90RF135602 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
21
4407A–SCR–04/05
BIST Response
The BIST response is composed of 12 bytes followed by a checksum. The structure of
the response is shown in following table:
An example of the BIST response is shown below
0xBA, 0x00, 0x02, 0x07, 0x11, 0x22, 0x33, 0x44, 0x55, 0x66, 0x77,
0x88
0xBA:
BIST Response
0x00:
Successful test result
0x02,0x07: Software Version 2.7
0x11,0x22,0x33,0x44: Serial/Production Information 0x11223344
0x55,0x66,0x77,0x88: Serial/Production information 0x55667788
Byte
Name
Description
1
<STATUS>
Built-In Self Test response
0xBA
2
<STATUS1>
Test Result
The test result byte indicates the progress of the self-test. Test errors are indicated in a bit-
wise fashion as listed below:
0x00 : All tests passed
0x01 : Flash CRC verification problem
0x02 : RAM integrity problem
0x04 : Loop back problem
3-4
<DATA0>
….
<DATA1>
Software Version
2 byte (MSB first) data representing the software version of the application in Flash Memory.
For example 0x02, 0x07 represents version V2.7
5-12
<DATA2>
….
<DATA9>
Serial number and production
information
8 bytes, (MSB first), representing the serial number and production information stored in
EEPROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com