Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OBT150-R101-2EP1-IO Datasheet(PDF) 4 Page - Pepperl+Fuchs Inc.

Part # OBT150-R101-2EP1-IO
Description  Triangulation sensor (BGS)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OBT150-R101-2EP1-IO Datasheet(HTML) 4 Page - Pepperl+Fuchs Inc.

  OBT150-R101-2EP1-IO Datasheet HTML 1Page - Pepperl+Fuchs Inc. OBT150-R101-2EP1-IO Datasheet HTML 2Page - Pepperl+Fuchs Inc. OBT150-R101-2EP1-IO Datasheet HTML 3Page - Pepperl+Fuchs Inc. OBT150-R101-2EP1-IO Datasheet HTML 4Page - Pepperl+Fuchs Inc. OBT150-R101-2EP1-IO Datasheet HTML 5Page - Pepperl+Fuchs Inc. OBT150-R101-2EP1-IO Datasheet HTML 6Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Connection Assignment
BN
L+
BK
WH
BU
C/Q
L-
Q
Assembly
1
Light-on/dark-on changeover switch
2
Sensing range adjuster
3
Operating indicator / dark on
4
Signal indicator
5
Operating indicator / light on
3
4
5
1
2
Characteristic Curve
X
Distance X [mm]
Offset Y [mm]
Characteristic response curve
white 90 %
grey 18 %
black 6 %
0
50
100
150
200
-5
-4
-3
-2
-1
0
1
2
3
4
5
X
white
grey
black
Distance X [mm]
Object colour
Detection ranges
0
25
50
75
100
125
150
175
Triangulation sensor (BGS)
OBT150-R101-2EP1-IO
4
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com