Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7FN-DC8C Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R7FN-DC8C
Description  Remote I/O R7 Series FLEX NETWORK I/O MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7FN-DC8C Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R7FN-DC8C Datasheet HTML 1Page - M-System Co.,Ltd. R7FN-DC8C Datasheet HTML 2Page - M-System Co.,Ltd. R7FN-DC8C Datasheet HTML 3Page - M-System Co.,Ltd. R7FN-DC8C Datasheet HTML 4Page - M-System Co.,Ltd. R7FN-DC8C Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: R7FN-DC8C
R7FN-DC8C SPECIFICATIONS
ES-7808-U Rev.1 Page 2/5
https://www.m-system.co.jp/
OUTPUT SPECIFICATIONS
Common: 1 common per 4 points (4 points)
Maximum load current: 1.0 A per point
Common current: Max. 4 A (4 terminals)
Maximum outputs applicable at once: No limit (at 24 V DC)
Output supply voltage/current: 24 V DC ±10 %/ ≥ 60 mA
Rated load: 250 V AC @ 2A, 30 V DC @ 2A
(Use as Measurement Category I or less than 125 V AC to
conform with EU Directive)
Maximum switching voltage: 250 V AC, 30 V DC
Maximum switching power: 500 VA (AC), 60 W (DC)
Minimum applicable load: 24 V DC @ 5 mA
Mechanical life: 2 × 107 cycles (300 cycles per min.)
When driving an inductive load, external contact protection
and noise quenching recommended.
ON delay time: ≤ 10 msec.
OFF delay time: ≤ 10 msec.
INSTALLATION
Current consumption
• DC: Applox 50 mA
• Relay driving current: Applox. 60 mA
Operating temperature: -10 to +55°C (14 to 131°F)
Storage temperature: -20 to +65°C (-4 to +149°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: DIN rail (35 mm rail)
Weight: 200 g (0.44 lb)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute (output to FLEX
NETWORK to power to FG)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1, EN 61010-2-201
Measurement Category II (output)
Pollution Degree 2
Output to power: Basic insulation (150 V)
RoHS Directive



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com