Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7FN-DAC16B-R Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # R7FN-DAC16B-R
Description  Remote I/O R7 Series FLEX NETWORK I/O MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7FN-DAC16B-R Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  R7FN-DAC16B-R Datasheet HTML 1Page - M-System Co.,Ltd. R7FN-DAC16B-R Datasheet HTML 2Page - M-System Co.,Ltd. R7FN-DAC16B-R Datasheet HTML 3Page - M-System Co.,Ltd. R7FN-DAC16B-R Datasheet HTML 4Page - M-System Co.,Ltd. R7FN-DAC16B-R Datasheet HTML 5Page - M-System Co.,Ltd. R7FN-DAC16B-R Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MODEL: R7FN-DAC16B
R7FN-DAC16B SPECIFICATIONS
ES-7808-W Rev.0 Page 5/6
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Note: In order to improve EMC performance, bond the FG terminal to ground.
Caution: FG terminal is NOT a protective conductor terminal.
■ Input Circuit
■ Output Circuit
■ I/O Connection Example
Control
Circuit
10
12
1
2
4
3
13
7
5
14
16
15
8
6
17
9
18
11
4
5
2
1
3
FG
6
7
24V DC
0V
Comm.
Circuit
JP–
JP+
TR–
TR+
Input Circuit
Isolation
Output Circuit
Y6
Y5
+24V
Y7
Y4
Y3
Y2
Y1
Y0
X7
X6
X5
X4
X3
X2
X1
COM
X0
10
2
X0
14
X7
Control
Circuit
+24V
COM
+24V
+
–
Y0
X0
Y7
X7
10
18
1
6
2
14
Control
Circuit
6
+24V
Y0
18 Y7
10
1 COM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com