Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7FN-DA16-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R7FN-DA16-R
Description  Remote I/O R7 Series FLEX NETWORK I/O MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7FN-DA16-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R7FN-DA16-R Datasheet HTML 1Page - M-System Co.,Ltd. R7FN-DA16-R Datasheet HTML 2Page - M-System Co.,Ltd. R7FN-DA16-R Datasheet HTML 3Page - M-System Co.,Ltd. R7FN-DA16-R Datasheet HTML 4Page - M-System Co.,Ltd. R7FN-DA16-R Datasheet HTML 5Page - M-System Co.,Ltd. R7FN-DA16-R Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MODEL: R7FN-DA16
R7FN-DA16 SPECIFICATIONS
ES-7808-F Rev.0 Page 4/6
http://www.m-system.co.jp/
I/O DATA DESCRIPTIONS
0
15
Input 0
Input 1
Input 2
Input 3
Input 15
0: OFF
1: ON
Input 7
Input 8
:
:
:
■ DISCRETE INPUT
• Di
• Do
Unused
0
15
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
4
5
6
7
1
2
3
10 11 12 13
2
3
4
1
15 16 17 18
7
8
9
6
14
5
30 (1.18)
[5 (.20)]
DIN RAIL
35mm wide
54 (2.13)
17 (.66)
115 (4.53)
7–M3 SCREW
TERMINALS
for FLEX NETWORK, POWER
18–M3 SCREW
TERMINALS
for INPUT
6 (.24)
6 (.24)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com