Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7F4HEIP-DC16A-4-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R7F4HEIP-DC16A-4-R
Description  Remote I/O R7F4HEIP Series EtherNet/IP I/O MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7F4HEIP-DC16A-4-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R7F4HEIP-DC16A-4-R Datasheet HTML 1Page - M-System Co.,Ltd. R7F4HEIP-DC16A-4-R Datasheet HTML 2Page - M-System Co.,Ltd. R7F4HEIP-DC16A-4-R Datasheet HTML 3Page - M-System Co.,Ltd. R7F4HEIP-DC16A-4-R Datasheet HTML 4Page - M-System Co.,Ltd. R7F4HEIP-DC16A-4-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: R7F4HEIP-DC16A
R7F4HEIP-DC16A SPECIFICATIONS
ES-8005-B Rev.0 Page 4/5
https://www.m-system.co.jp/
■POWER SUPPLY TERMINAL ASSIGNMENT
1 2 3 4 5
1. FE
2. NC
3. NC
4. +24V
5. 0V
Functional Earth
—
—
Power Input (24V DC)
Power Input (0V)
Applicable connector: TFMC1,5 / 5–STF–3,5(Phoenix Contact)
(included in the package)
Applicable wire size: 0.2 − 1.5 mm2; stripped length 10 mm
Recommended solderless terminal
• AI0,25-10YE 0.25 mm2 (Phoenix Contact)
• AI0,34-10TQ 0.34 mm2 (Phoenix Contact)
• AI0,5-10WH 0.5 mm2 (Phoenix Contact)
• AI0,75-10GY 0.75 mm2 (Phoenix Contact)
• A1-10 1.0 mm2 (Phoenix Contact)
• A1,5-10 1.5 mm2 (Phoenix Contact)
I/O DATA DESCRIPTIONS
0
15
Output 0
Output 1
Output 2
Output 3
Output 15
Output 7
Output 8
0: OFF 1: ON
■ DISCRETE OUTPUT
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm
115 [4.53]
72 [2.83]
55 [2.17]
(4 [.16])
123 [4.84]
138 [5.43]
DIN rail
(35mm wide)
2-4.3 dia. 4 deep.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com