Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7F4HEIP-DAC16C-4-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R7F4HEIP-DAC16C-4-R
Description  Remote I/O R7F4HEIP Series EtherNet/IP I/O MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7F4HEIP-DAC16C-4-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R7F4HEIP-DAC16C-4-R Datasheet HTML 1Page - M-System Co.,Ltd. R7F4HEIP-DAC16C-4-R Datasheet HTML 2Page - M-System Co.,Ltd. R7F4HEIP-DAC16C-4-R Datasheet HTML 3Page - M-System Co.,Ltd. R7F4HEIP-DAC16C-4-R Datasheet HTML 4Page - M-System Co.,Ltd. R7F4HEIP-DAC16C-4-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: R7F4HEIP-DAC16C
R7F4HEIP-DAC16C SPECIFICATIONS
ES-8005-E Rev.0 Page 2/5
https://www.m-system.co.jp/
INPUT SPECIFICATIONS
Common: Positive common (NPN), 8 points per common
Numbers of input: 8 points
Maximum inputs applicable at once: No limit (at 24 V DC)
Rated input voltage: 24 V DC ±10 %; ripple 5 %p-p max.
ON voltage / current: ≥ 15 V DC (X0 to X7 input teriminal –
+24 V) / ≥ 3.5 mA
OFF voltage / current: ≤ 5 V DC (X0 to X7 input teriminal –
+24 V) / ≤ 1.0 mA
Input current: ≤ 5.5 mA per point at 24 V DC
Input resistance: Approx. 4.4 kΩ
ON delay: ≤ 0.2 msec.
OFF delay: ≤ 0.5 msec.
OUTPUT SPECIFICATIONS
Common: Negative common (NPN) per 8 points
Number of output: 8 points
Maximum outputs applicable at once: No limit (at 24 V DC)
Rated load voltage: 24 V DC ±10 %, ripple 5 %p-p max.
Rated output current: 0.1 A per point, 0.8 A per common
Residual voltage: ≤ 1.2 V
Leakage current: ≤ 0.1 mA
ON delay: ≤ 0.2 msec.
OFF delay: ≤ 0.5 msec.
Overload current protection function: Limits the current
value when overcurrent is detected
Overheat protection function: Turns OFF the outputs when
overheat is detected
(When driving an inductive load, connect a diode in parallel
with the load.)
INSTALLATION
Current consumption
•DC: Approx. 70 mA
(contact I/O load charge is not included)
Operating temperature: -10 to +55°C (14 to 131°F)
Storage temperature: -20 to +65°C (-4 to +149°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Surface or DIN rail (35 mm rail)
Weight: 170 g (0.37 lb)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute
(input or exc. supply to output or exc. supply to EtherNet/IP
or FE to power)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
PC CONFIGURATOR
The following parameters can be set with using PC
Configurator Software (model: R7CFG)
Refer to the users manual for the R7CFG for detailed
operation of the software program.
■ CHANNEL BATCH SETTING
PARAMETER
SETTING RANGE
DEFAULT
Conversion rate
1ms, 5ms, 10ms, 20ms,
50ms, 70ms, 100ms,
200ms
10ms
Output Hold / Clear
Hold / Clear
Hold
■ EtherNet SETTING
PARAMETER
SETTING RANGE
DEFAULT
IP Address
0.0.0.0 - 255.255.255.255
192.168.0.250
Subnet Mask
0.0.0.0 - 255.255.255.255
255.255.255.0
Default Gateway
0.0.0.0 - 255.255.255.255
192.168.0.1
TimeOut
0 - 32767 (0.1 sec.)
30 (0.1 sec.)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com