Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7F4HEIP-DAC16B-4-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R7F4HEIP-DAC16B-4-R
Description  Remote I/O R7F4HEIP Series EtherNet/IP I/O MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7F4HEIP-DAC16B-4-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R7F4HEIP-DAC16B-4-R Datasheet HTML 1Page - M-System Co.,Ltd. R7F4HEIP-DAC16B-4-R Datasheet HTML 2Page - M-System Co.,Ltd. R7F4HEIP-DAC16B-4-R Datasheet HTML 3Page - M-System Co.,Ltd. R7F4HEIP-DAC16B-4-R Datasheet HTML 4Page - M-System Co.,Ltd. R7F4HEIP-DAC16B-4-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL: R7F4HEIP-DAC16B
R7F4HEIP-DAC16B SPECIFICATIONS
ES-8005-D Rev.0 Page 3/5
https://www.m-system.co.jp/
EXTERNAL VIEW
IP Address Setting Rotary SW
RJ-45 Modular Jack
Status Indicator LED
PC Congurator Jack
Discrete I/O Status Indicator LED
Sensor Exc. / I/O Connectors
Power Supply Connector
TERMINAL ASSIGNMENTS
■SENSOR EXC. / I/O CONNECTION
Applicable connector: DFMC0,5/13-ST-2,54 (Phoenix Contact) (included in the package)
Applicable wire size: 0.14 - 0.5mm
2, stripped length 7mm
Recommended solderless terminal:
· AI0,14-6GY 0.14mm
2 (Phoenix Contact)
· AI0,25-6YE 0.25mm
2 (Phoenix Contact)
· A0,34-7 0.34mm
2 (Phoenix Contact)
1 2 3 4 5 6 7 8 9 10 11 12 13
27 28 29 30 31 32 33 34 35 36 37 38 39
14 15 16 17 18 19 20 21 22 23 24 25 26
40 41 42 43 44 45 46 47 48 49 50 51 52
PIN No.
ID
FUNCTION
PIN No.
ID
FUNCTION
1
+24V1
24V DC
27
+24V2
24V DC
2
X0
Input 0
28
Y0
Output 0
3
+24V1
24V DC
29
+24V2
24V DC
4
GND1
0V
30
GND2
0V
5
X2
Input 2
31
Y2
Output 2
6
+24V1
24V DC
32
+24V2
24V DC
7
GND1
0V
33
GND2
0V
8
X4
Input 4
34
Y4
Output 4
9
+24V1
24V DC
35
+24V2
24V DC
10
GND1
0V
36
GND2
0V
11
X6
Input 6
37
Y6
Output 6
12
+24V1
24V DC
38
+24V2
24V DC
13
GND1
0V
39
GND2
0V
PIN No.
ID
FUNCTION
PIN No.
ID
FUNCTION
14
GND1
0V
40
GND2
0V
15
X1
Input 1
41
Y1
Output 1
16
+24V1
24V DC
42
+24V2
24V DC
17
GND1
0V
43
GND2
0V
18
X3
Input 3
44
Y3
Output 3
19
+24V1
24V DC
45
+24V2
24V DC
20
GND1
0V
46
GND2
0V
21
X5
Input 5
47
Y5
Output 5
22
+24V1
24V DC
48
+24V2
24V DC
23
GND1
0V
49
GND2
0V
24
X7
Input 7
50
Y7
Output 7
25
+24V1
24V DC
51
+24V2
24V DC
26
GND1
0V
52
GND2
0V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com