Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7D Datasheet(PDF) 36 Page - M-System Co.,Ltd.

Part # R7D
Description  Remote I/O R7 Series DeviceNet I/O MODULE
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7D Datasheet(HTML) 36 Page - M-System Co.,Ltd.

Back Button R7D Datasheet HTML 30Page - M-System Co.,Ltd. R7D Datasheet HTML 31Page - M-System Co.,Ltd. R7D Datasheet HTML 32Page - M-System Co.,Ltd. R7D Datasheet HTML 33Page - M-System Co.,Ltd. R7D Datasheet HTML 34Page - M-System Co.,Ltd. R7D Datasheet HTML 35Page - M-System Co.,Ltd. R7D Datasheet HTML 36Page - M-System Co.,Ltd. R7D Datasheet HTML 37Page - M-System Co.,Ltd. R7D Datasheet HTML 38Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
MODEL: R7D
R7D SPECIFICATIONS
ES-7802 Rev.21 Page 36/38
http://www.m-system.co.jp/
PNP TRANSISTOR OUTPUT EXTENSION MODULE, 8 points
MODEL: R7D-EC8B
SPECIFICATIONS
Common: Positive common (PNP) per 8 points
Number of I/O: Output, 8 points
Maximum outputs applicable at once: No limit (at 24 V DC)
Output status indicator: LED turns ON with contact ON
Isolation: Output to internal circuits
Rated load voltage: 24 V DC ±10 %
Rated output current: 0.25 A per point, 2.0 A per common
Residual voltage: ≤ 1.2 V
Leakage current: ≤ 0.1 mA
ON delay: ≤ 0.5 msec.
OFF delay: ≤ 1.5 msec.
(When driving an inductive load, connect a diode in parallel
with the load.)
TERMINAL ASSIGNMENTS
6
+24 V
7
Y1
8
Y3
1
0 V
2
Y0
3
Y2
9
Y5
4
Y4
10
Y7
5
Y6
NO.
ID
FUNCTION
NO.
ID
FUNCTION
1
0 V
0 V
6
+24 V 24 V DC (common)
2
Y0
Output 0
7
Y1
Output 1
3
Y2
Output 2
8
Y3
Output 3
4
Y4
Output 4
9
Y5
Output 5
5
Y6
Output 6
10
Y7
Output 7
CIRCUIT DIAGRAM
Output Circuit
Control
Circuit
■ Output Circuit
6
1 0V
10 Y7
9 Y5
8 Y3
7 Y1
5 Y6
4 Y4
3 Y2
+24V
Y0
2
2
+24V
6
Y0
10 Y7
1 0V
Control
Circuit
■ Output Connection Example
6
1
2
Y0
0V
+24V
–
+
10
Y7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com