Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7E-DC16A-R Datasheet(PDF) 8 Page - M-System Co.,Ltd.

Part # R7E-DC16A-R
Description  Remote I/O R7 Series ETHERNET I/O MODULE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7E-DC16A-R Datasheet(HTML) 8 Page - M-System Co.,Ltd.

Back Button R7E-DC16A-R Datasheet HTML 4Page - M-System Co.,Ltd. R7E-DC16A-R Datasheet HTML 5Page - M-System Co.,Ltd. R7E-DC16A-R Datasheet HTML 6Page - M-System Co.,Ltd. R7E-DC16A-R Datasheet HTML 7Page - M-System Co.,Ltd. R7E-DC16A-R Datasheet HTML 8Page - M-System Co.,Ltd. R7E-DC16A-R Datasheet HTML 9Page - M-System Co.,Ltd. R7E-DC16A-R Datasheet HTML 10Page - M-System Co.,Ltd. R7E-DC16A-R Datasheet HTML 11Page - M-System Co.,Ltd. R7E-DC16A-R Datasheet HTML 12Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
MODEL: R7E
R7E SPECIFICATIONS
ES-7807 Rev.13 Page 8/31
http://www.m-system.co.jp/
EXTENSION MODULE
A ‘basic’ module can be attached with one ‘extension’ module. The extension module is powered from the basic module.
By combining two modules, single station can handle mixed analog and discrete signals, 32-point discrete inputs, 32-point
discrete outputs, 16-point discrete I/Os and other combinations of signals.
■ OUTPUT AT THE LOSS OF COMMUNICATION
The extension module is set to ‘Hold Output’ by factory default setting. The PC Configurator software is used to change the
setting to ‘Reset Output.’
CONNECTING THE EXTENSION MODULE
1) Remove the extension connector cover located at the side of the basic module.
2) Connect the extension module.
3) Mount the combined module on a DIN rail.
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
■ BASIC MODULE
4
5
6
7
1
2
3
10 11 12 13
2
3
4
1
15 16 17 18
7
8
9
6
14
5
• R7E-TS4
30 (1.18)
65 (2.56)
[5 (.20)]
DIN RAIL
35mm wide
54 (2.13)
17 (.66)
115 (4.53)
RJ-45 CONNECTOR
7–M3 SCREW
TERMINALS for POWER
18–M3 SCREW
TERMINALS for I/O
6 (.24)
6 (.24)
30 (1.18)
[5 (.20)]
DIN RAIL
35mm wide
54 (2.13)
17 (.66)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com