Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7D-DC16B-R Datasheet(PDF) 36 Page - M-System Co.,Ltd.

Part # R7D-DC16B-R
Description  Remote I/O R7 Series CC-Link I/O MODULE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7D-DC16B-R Datasheet(HTML) 36 Page - M-System Co.,Ltd.

Back Button R7D-DC16B-R Datasheet HTML 32Page - M-System Co.,Ltd. R7D-DC16B-R Datasheet HTML 33Page - M-System Co.,Ltd. R7D-DC16B-R Datasheet HTML 34Page - M-System Co.,Ltd. R7D-DC16B-R Datasheet HTML 35Page - M-System Co.,Ltd. R7D-DC16B-R Datasheet HTML 36Page - M-System Co.,Ltd. R7D-DC16B-R Datasheet HTML 37Page - M-System Co.,Ltd. R7D-DC16B-R Datasheet HTML 38Page - M-System Co.,Ltd. R7D-DC16B-R Datasheet HTML 39Page - M-System Co.,Ltd. R7D-DC16B-R Datasheet HTML 40Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
MODEL: R7C
R7C SPECIFICATIONS
ES-7801 Rev.26 Page 36/46
http://www.m-system.co.jp/
DC VOLTAGE OUTPUT MODULE, 4 points
MODEL: R7C-YV4
SPECIFICATIONS
Isolation: Output 0 to output 1 to output 2 to output 3 to
power input to CC-Link or FG
CC-Link: Conforms to Version 1.10
Station type: Remote device
Data allocation: 1
Converted data range: 0 – 10000 of the output range
Output rang: -10 - +10V DC, -5 - +5V DC, 0 - 10V DC,
0 - 5V DC, 1 - 5V DC
Operational range: -11.5 – +11.5 V DC or -15 – +115 %
Load resistance: ≥ 20 kΩ
Conversion accuracy: ±0.1 %
Response time: 250 msec. (0 – 90 %)
Temperature coefficient: ±0.015 %/°C (±0.008 %/°F)
OPERATING MODE SETTING
(*) Factory setting
Caution ! - SW1-1, SW1-2 and SW1-3 are unused. Be sure to
turn off unused ones.
• Output Range (SW1-5, 1-6, 1-7, 1-8)
SW1-5
SW1-6
SW1-7
SW1-8 Output range
OFF
OFF
OFF
OFF
-10 – +10V DC (*)
ON
OFF
OFF
OFF
-5 – +5V DC
ON
ON
OFF
OFF
0 – 10V DC
OFF
OFF
ON
OFF
0 – 5V DC
ON
OFF
ON
OFF
1 – 5V DC
ON
ON
ON
ON
PC Con gurator setting
• Output at the Loss of Communication (SW1-4)
SW1-4
Output at the loss of communication
OFF
Reset the output (to -15% or approx. -11.5V DC)
ON
Hold the output (*)
(maintains the last data received normally)
TERMINAL ASSIGNMENTS
10
5
6
1
2
7
8
9
3
4
V3
COM3
NC
NC
COM0
V0
V1
V2
COM1 COM2
NO.
ID
FUNCTION
NO.
ID
FUNCTION
1
NC
No connection
6
NC
No connection
2
COM0
Common 0
7
V0
Voltage Output 0
3
COM1
Common 1
8
V1
Voltage Output 1
4
COM2
Common 2
9
V2
Voltage Output 2
5
COM3
Common 3
10
V3
Voltage Output 3
CIRCUIT DIAGRAM
Note: In order to improve EMC performance, bond the FG
terminal to ground.
Caution: FG terminal is NOT a protective conductor
terminal.
Output Circuit
Comm.
Circuit
Control
Circuit
4
7
6
3
2
5
1
V(–)
U(+)
FG
SLD
DG
DB
DA
Output Circuit
Output Circuit
Output Circuit
7 V0
2 COM0
8
3
OUTPUT 0
V1
COM1
OUTPUT 1
V2
COM2
OUTPUT 2
9
V3
COM3
OUTPUT 3
4
10
5
1
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com