Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7D-RS4-R Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # R7D-RS4-R
Description  Remote I/O R7 Series CC-Link I/O MODULE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7D-RS4-R Datasheet(HTML) 6 Page - M-System Co.,Ltd.

Back Button R7D-RS4-R Datasheet HTML 2Page - M-System Co.,Ltd. R7D-RS4-R Datasheet HTML 3Page - M-System Co.,Ltd. R7D-RS4-R Datasheet HTML 4Page - M-System Co.,Ltd. R7D-RS4-R Datasheet HTML 5Page - M-System Co.,Ltd. R7D-RS4-R Datasheet HTML 6Page - M-System Co.,Ltd. R7D-RS4-R Datasheet HTML 7Page - M-System Co.,Ltd. R7D-RS4-R Datasheet HTML 8Page - M-System Co.,Ltd. R7D-RS4-R Datasheet HTML 9Page - M-System Co.,Ltd. R7D-RS4-R Datasheet HTML 10Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
MODEL: R7C
R7C SPECIFICATIONS
ES-7801 Rev.26 Page 6/46
http://www.m-system.co.jp/
INDICATOR LED
PWR
ON
ON
ON
ON
ON
ON
ON
ON
ON
ON
ON
ON
ON
ON
ON
ON
ON
ON
OFF
■ STATUS INDICATOR LED
OFF = OFF, ON = ON, BL = Blinking
*1. SD LED may look not blinking but ON with high baud rate and fewer connected modules.
*2. LEDs indicated with “----” in STATUS rarely occurs in normal operation. (LED failure or the like as possible cause).
■ DISCRETE I/O STATUS INDICATOR LED
Discrete I/O modules, including those for extensions, have LED indicators showing I/O signal status.
Totalized pulse modules have LED indicators showing input signal status.
Contact ON : LED ON
Contact OFF : LED OFF
RUN
ON
ON
ON
ON
ON
ON
ON
ON
ON
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
ERR
BL
BL
BL
BL
BL
OFF
OFF
OFF
OFF
BL
BL
BL
BL
OFF
OFF
OFF
OFF
ON
OFF
SD*
1
BL
BL
BL
OFF
OFF
BL
BL
OFF
OFF
BL
BL
OFF
OFF
BL
BL
OFF
OFF
OFF
OFF
RD
ON
ON
OFF
ON
OFF
ON
OFF
ON
OFF
ON
OFF
ON
OFF
ON
OFF
ON
OFF
ON/OFF
OFF
STATUS*
2
Communicates normally with occasional CRC errors due to noise interference.
Communicates normally but the Baud Rate and/or Station Address switches failed.
ERR LED blinks approximately in 0.5 seconds intervals.
----
CRC error found in the received data. Unable to respond.
----
Normal communication
----
Unable to receive data addressed to the station.
----
Performs the interval-timed responses but CRC error found in receiving the refresh
data.
----
CRC error found in the data addressed to the station.
----
Link is not started.
----
No data addressed to the station. Or unable to receive data addressed to the station
due to noise interference. (Missing parts of the data sent from the master)
Unable to receive data due to wire breakdown
Faulty Baud Rate and/or Station Address setting
Power input removed. Or power supply failure.
DATA CONVERSION
I 0 – 100% DATA CONVERSION
Analog input data is converted into digital representations of 0 – 100% proportional to each scaled range. The converted %
values are multiplied by 100 and expressed in 16 bits.
Overrange input is possible from -15 to +115% of the nominal range. When the signal exceeds the limit, the data is fixed at
-15% or +115% respectively. Negative value is represented in 2 s complements.
• Input Range 0 – 5 V DC
≤ -0.75 V
0 V
5 V
≥ 5.75 V
Input Value
-15%
0%
100%
115%
Input %
-1500
0
10000
11500
Converted Data, Decimal
FA24
0
2710
2CEC
Converted Data, Hex
Analog output is converted in the reverse order of the input data. The output range 0 – 5 V DC is expressed as 10000 at
5.0 V (100%) and 0 at 0 V (0%).
11500 (2CEC)
10000 (2710)
-0.75
-1500 (FA24)
5.0
5.75
0
(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com