Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7E-YS2-R Datasheet(PDF) 9 Page - M-System Co.,Ltd.

Part # R7E-YS2-R
Description  Remote I/O R7 Series ETHERNET I/O MODULE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7E-YS2-R Datasheet(HTML) 9 Page - M-System Co.,Ltd.

Back Button R7E-YS2-R Datasheet HTML 5Page - M-System Co.,Ltd. R7E-YS2-R Datasheet HTML 6Page - M-System Co.,Ltd. R7E-YS2-R Datasheet HTML 7Page - M-System Co.,Ltd. R7E-YS2-R Datasheet HTML 8Page - M-System Co.,Ltd. R7E-YS2-R Datasheet HTML 9Page - M-System Co.,Ltd. R7E-YS2-R Datasheet HTML 10Page - M-System Co.,Ltd. R7E-YS2-R Datasheet HTML 11Page - M-System Co.,Ltd. R7E-YS2-R Datasheet HTML 12Page - M-System Co.,Ltd. R7E-YS2-R Datasheet HTML 13Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
MODEL: R7E
R7E SPECIFICATIONS
ES-7807 Rev.13 Page 9/31
http://www.m-system.co.jp/
■ BASIC MODULE, ANALOG OUTPUT
2
3
4
1
5
10
7
8
9
6
4
5
6
7
1
2
3
30 (1.18)
[5 (.20)]
7–M3 SCREW
TERMINALS
for POWER
10–M3 SCREW
TERMINALS
for OUTPUT
DIN RAIL
35mm wide
54 (2.13)
17 (.66)
6 (.24)
6 (.24)
115 (4.53)
65 (2.56)
RJ-45 CONNECTOR
■ EXTENSION MODULE, 8 POINTS
11.5
(.45)
7
8
6
9
10
2
3
1
4
5
65 (2.56)
30 (1.18)
[5 (.20)]
DIN RAIL
35mm wide
54 (2.13)
17 (.66)
10–M3 SCREW
TERMINALS for I/O
6 (.24)
■ EXTENSION MODULE, 16 POINTS
11.5
(.45)
10
11
12
13
2
3
4
1
15
16
17
18
7
8
9
6
14
5
94 (3.70)
30 (1.18)
[5 (.20)]
DIN RAIL
35mm wide
54 (2.13)
17 (.66)
18–M3 SCREW
TERMINALS for I/O
6 (.24)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com