Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7F4DH-1DAC16B-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R7F4DH-1DAC16B-R
Description  Remote I/O R7F4D Series HI-SPEED LINK SYSTEM I/O MODULE
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7F4DH-1DAC16B-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R7F4DH-1DAC16B-R Datasheet HTML 1Page - M-System Co.,Ltd. R7F4DH-1DAC16B-R Datasheet HTML 2Page - M-System Co.,Ltd. R7F4DH-1DAC16B-R Datasheet HTML 3Page - M-System Co.,Ltd. R7F4DH-1DAC16B-R Datasheet HTML 4Page - M-System Co.,Ltd. R7F4DH-1DAC16B-R Datasheet HTML 5Page - M-System Co.,Ltd. R7F4DH-1DAC16B-R Datasheet HTML 6Page - M-System Co.,Ltd. R7F4DH-1DAC16B-R Datasheet HTML 7Page - M-System Co.,Ltd. R7F4DH-1DAC16B-R Datasheet HTML 8Page - M-System Co.,Ltd. R7F4DH-1DAC16B-R Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 77 page
background image
MODEL: R7F4DH
R7F4DH SPECIFICATIONS
ES-7799 Rev.7 Page 1/77
http://www.m-system.co.jp/
Remote I/O R7F4D Series
HI-SPEED LINK SYSTEM I/O MODULE
MODEL: R7F4DH-[1]-[2]-R[3]
ORDERING INFORMATION
• Code number: R7F4DH-[1]-[2]-R[3]
Specify a code from below for each [1] through [3].
(e.g. R7F4DH-1-DA16A-R/H/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] TERMINAL BLOCK
1: Tension clamp terminal block for power supply
RJ-45 Modular jack for communication
e-CON connector for I/O
2: Tension clamp terminal block for power supply
RJ-45 Modular jack for communication
MIL connector 1 for I/O
3: Tension clamp terminal block for power supply
RJ-45 Modular jack for communication
MIL connector 2 for I/O
4: Tension clamp terminal block for power supply
RJ-45 Modular jack for communication
Tension clamp terminal block for I/O
[2] I/O TYPE
DA16A: NPN discrete input, 16 points
DA16B: PNP discrete input, 16 points
DC16A: NPN transistor output, 16 points
DC16B: PNP transistor output, 16 points
DAC16A: PNP discrete input &
NPN transistor output, 8 points each
DAC16B: NPN discrete input &
PNP transistor output, 8 points each
DAC16C: NPN discrete input &
NPN transistor output, 8 points each
DAC16D: PNP discrete input &
PNP transistor output, 8 points each
DAC32A: PNP discrete input &
NPN transistor output, 16 points each
(Only terminal block codes 2, 3 selectable)
DAC32B: NPN discrete input &
16 points PNP transistor output, 16 points each
(Only terminal block codes 2, 3 selectable)
DAC32C: NPN discrete input &
16 points NPN transistor output, 16 points each
(Only terminal block codes 2, 3 selectable)
DAC32D: PNP discrete input &
PNP transistor output, 16 points each
(Only terminal block codes 2, 3 selectable)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[3] OPTIONS (multiple selections)
Communication Mode
blank: Full-duplex
/H: Half-duplex
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
FUNCTIONS & FEATURES
The R7F4DH interfaces discrete I/O signals with a PLC via
HLS.
(HLS is the abbreviation for “Hi-speed Link System” of Step
Technica Co., Ltd.)
GENERAL SPECIFICATIONS
• Common Specifications
Power input: 24 V DC ±10 %; ripple 10 %p-p max.; rated
current 8 A
Sensor excitation: 24 V DC ±10 %; ripple 5 %p-p max.,
≤ 2 A (including discrete I/O load charge);
rated current 8 A
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @1 minute
(between isolated circuits)
Operating temperature: -10 to +55°C (14 to 131°F)


Similar Part No. - R7F4DH-1DAC16B-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R7F4HEIP-DAC16B MSYSTEM-R7F4HEIP-DAC16B Datasheet
524Kb / 5P
Remote I/O R7F4HEIP Series EtherNet/IP I/O MODULE
R7F4HEIP-DAC16B-4-R MSYSTEM-R7F4HEIP-DAC16B-4-R Datasheet
524Kb / 5P
Remote I/O R7F4HEIP Series EtherNet/IP I/O MODULE
R7F4HEIP-DAC16B-4-R/Q MSYSTEM-R7F4HEIP-DAC16B-4-R/Q Datasheet
524Kb / 5P
Remote I/O R7F4HEIP Series EtherNet/IP I/O MODULE
R7F4HEIP-DAC16C MSYSTEM-R7F4HEIP-DAC16C Datasheet
527Kb / 5P
Remote I/O R7F4HEIP Series EtherNet/IP I/O MODULE
R7F4HEIP-DAC16C-4-R MSYSTEM-R7F4HEIP-DAC16C-4-R Datasheet
527Kb / 5P
Remote I/O R7F4HEIP Series EtherNet/IP I/O MODULE
More results

Similar Description - R7F4DH-1DAC16B-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R7F4HML3-D-DAC32A MSYSTEM-R7F4HML3-D-DAC32A Datasheet
273Kb / 8P
Remote I/O R7F4H Series MECHATROLINK I/O MODULE
R7D MSYSTEM-R7D Datasheet
1Mb / 38P
Remote I/O R7 Series DeviceNet I/O MODULE
R7C MSYSTEM-R7C Datasheet
1Mb / 46P
Remote I/O R7 Series CC-Link I/O MODULE
R7G4HH-A-SVF4 MSYSTEM-R7G4HH-A-SVF4 Datasheet
293Kb / 11P
Remote I/O R7G4H Series HI-SPEED LINK SYSTEM I/O MODULE
R7G4HH-A-YVF4 MSYSTEM-R7G4HH-A-YVF4 Datasheet
278Kb / 11P
Remote I/O R7G4H Series HI-SPEED LINK SYSTEM I/O MODULE
R7HL MSYSTEM-R7HL Datasheet
1Mb / 55P
Remote I/O R7 Series HI-SPEED LINK SYSTEM I/O MODULE
R7K4DH-1-DAC32A MSYSTEM-R7K4DH-1-DAC32A Datasheet
322Kb / 8P
Remote I/O R7K4D Series HI-SPEED LINK SYSTEM I/O MODULE
R7K4DH-1-DAC32B MSYSTEM-R7K4DH-1-DAC32B Datasheet
322Kb / 8P
Remote I/O R7K4D Series HI-SPEED LINK SYSTEM I/O MODULE
R7K4DH-1-DAC32C MSYSTEM-R7K4DH-1-DAC32C Datasheet
322Kb / 8P
Remote I/O R7K4D Series HI-SPEED LINK SYSTEM I/O MODULE
R7K4DH-1-DAC32D MSYSTEM-R7K4DH-1-DAC32D Datasheet
321Kb / 8P
Remote I/O R7K4D Series HI-SPEED LINK SYSTEM I/O MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com