Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7F4DH-1DAC32A-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R7F4DH-1DAC32A-R
Description  Remote I/O R7F4D Series HI-SPEED LINK SYSTEM I/O MODULE
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7F4DH-1DAC32A-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R7F4DH-1DAC32A-R Datasheet HTML 1Page - M-System Co.,Ltd. R7F4DH-1DAC32A-R Datasheet HTML 2Page - M-System Co.,Ltd. R7F4DH-1DAC32A-R Datasheet HTML 3Page - M-System Co.,Ltd. R7F4DH-1DAC32A-R Datasheet HTML 4Page - M-System Co.,Ltd. R7F4DH-1DAC32A-R Datasheet HTML 5Page - M-System Co.,Ltd. R7F4DH-1DAC32A-R Datasheet HTML 6Page - M-System Co.,Ltd. R7F4DH-1DAC32A-R Datasheet HTML 7Page - M-System Co.,Ltd. R7F4DH-1DAC32A-R Datasheet HTML 8Page - M-System Co.,Ltd. R7F4DH-1DAC32A-R Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 77 page
background image
MODEL: R7F4DH
R7F4DH SPECIFICATIONS
ES-7799 Rev.7 Page 2/77
http://www.m-system.co.jp/
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: DIN rail or wall
Housing material: Flame-resistant resin (gray)
Status indicator: Power LED on with power supplied
Discrete I/O status indicator: Red LED on at contact on. (For
R7F4DH-x-DAC32x, input or output display is selected with
slide SW; factory setting: input display)
Communication Failure Detection: At communication error,
the output status until normal data is received (Hold or OFF)
can be set with the DIP SW. (only for output devices; factory
setting: Hold)
■ Current Consumption & Weight
R7F4DH-x-DA16A: Approx. 25 mA/100 g (0.22 lb)
R7F4DH-x-DA16B: Approx. 25 mA/100 g (0.22 lb)
R7F4DH-x-DC16A: Approx. 50 mA/100 g (0.22 lb)
R7F4DH-x-DC16B: Approx. 50 mA/100 g (0.22 lb)
R7F4DH-x-DAC16A: Approx. 35 mA/100 g (0.22 lb)
R7F4DH-x-DAC16B: Approx. 35 mA/100 g (0.22 lb)
R7F4DH-x-DAC16C: Approx. 35 mA/100 g (0.22 lb)
R7F4DH-x-DAC16D: Approx. 35 mA/100 g (0.22 lb)
R7F4DH-x-DAC32A: Approx. 40 mA/120 g (0.27 lb)
R7F4DH-x-DAC32B: Approx. 40 mA/120 g (0.27 lb)
R7F4DH-x-DAC32C: Approx. 40 mA/120 g (0.27 lb)
R7F4DH-x-DAC32D: Approx. 40 mA/120 g (0.27 lb)
(Discrete I/O load charge is not included in the above-
mentioned current consumption.)
HLS COMMUNICATION
Communication mode: Full-duplex or half-duplex
Network cable
Full-duplex communication:
ZHY262PS and ZHT262PS (Shinko Seisen Industry Co., Ltd.)
Half-duplex communication:
ZHY221PS (Shinko Seisen Industry Co., Ltd.)
Dual-shield cable:
ZHY262PBA (Shinko Seisen Industry Co., Ltd.)
Transmission distance:
12 Mbps: 100 meters (328 ft)
6 Mbps: 200 meters (656 ft)
3 Mbps: 300 meters (984 ft)
(Baud rate configurable with DIP SW; factory setting: 12
Mbps)
Terminating resistor: Built-in (Selected with the DIP SW;
factory setting: disabled)
Status indicator: Run LED on in normal communication
Station address: Set with rotary switch
(Refer to the instruction manual for details.)
STANDARDS & APPROVALS
Refer to the manuals to comply with the standards.
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com