Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7FN-SV4-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R7FN-SV4-R
Description  Remote I/O R7 Series FLEX NETWORK I/O MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7FN-SV4-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R7FN-SV4-R Datasheet HTML 1Page - M-System Co.,Ltd. R7FN-SV4-R Datasheet HTML 2Page - M-System Co.,Ltd. R7FN-SV4-R Datasheet HTML 3Page - M-System Co.,Ltd. R7FN-SV4-R Datasheet HTML 4Page - M-System Co.,Ltd. R7FN-SV4-R Datasheet HTML 5Page - M-System Co.,Ltd. R7FN-SV4-R Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MODEL: R7FN-SV4
R7FN-SV4 SPECIFICATIONS
ES-7808-A Rev.1 Page 3/6
http://www.m-system.co.jp/
EXTERNAL VIEW
Input Terminals
FLEX NETWORK,
Power Supply Terminals
X10
X1
STATION ADD.
CNFG.
1 2 3 4 5 6 7 8
10 11 12 13
2
3
4
1
15 16 17 18
7
8
9
6
14
5
4
5
6
7
1
2
3
RUN
PWR
ON
Status Indicator LED
Station Address Setting Rotary SW
Operating Mode Setting DIP SW (SW1)
PC Configurator Jack
67
89A
67
89A
CONNECTION DIAGRAMS
■ MASTER CONNECTION
TR+
TR–
JP+
JP–
FG
TR+
TR–
JP+
JP–
FG
TR+
TR–
SHIELD
Master Station
Slave Station
Slave Station
Terminating
Resistor
Terminating
Short Bar
Note: Be sure to use the terminator(s) located at both ends of the modules.
TERMINAL ASSIGNMENTS
■ INPUT TERMINAL ASSIGNMENT
10
VL0
11
I0
12
VL1
1
VH0
2
COM0
3
VH1
13
I1
4
COM1
14
NC
5
NC
15
VL2
6
VH2
16
I2
7
COM2
17
VL3
8
VH3
9
COM3
18
I3
NO.
ID
FUNCTION
NO.
ID
FUNCTION
1
VH0 Wide span volt. 0
10
VL0 Narrow span volt. 0
2
COM0 Common 0
11
I0
Current range 0
3
VH1 Wide span volt. 1
12
VL1 Narrow span volt. 1
4
COM1 Common 1
13
I1
Current range 1
5
NC
No connection
14
NC
No connection
6
VH2 Wide span volt. 2
15
VL2 Narrow span volt. 2
7
COM2 Common 2
16
I2
Current range 2
8
VH3 Wide span volt. 3
17
VL3 Narrow span volt. 3
9
COM3 Common 3
18
I3
Current range 3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com