Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7G Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R7G
Description  Remote I/O R7 Series GATEWAY MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7G Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R7G Datasheet HTML 1Page - M-System Co.,Ltd. R7G Datasheet HTML 2Page - M-System Co.,Ltd. R7G Datasheet HTML 3Page - M-System Co.,Ltd. R7G Datasheet HTML 4Page - M-System Co.,Ltd. R7G Datasheet HTML 5Page - M-System Co.,Ltd. R7G Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MODEL: R7G
R7G SPECIFICATIONS
ES-7817 Rev.3 Page 2/6
http://www.m-system.co.jp/
Network cable:
• Full-duplex communication: ZHY262PS, ZHT262PS
• Half-duplex communication: ZHY221PS
(Shinko Seisen Industry Co., Ltd.)
Data allocation: 2
Terminating resistor: Built-in (Selected with the DIP SW;
factory setting: disabled)
■ CC-LINK COMMUNICATION
CC-LinkVer.1.10
Network cable: CC-Link cable designated by Mitsubishi
Electric
Station Type: Remote I/O
Data allocation: 2 (1 station x 2)
Terminating resistor: Built-in (Selected with the DIP SW;
factory setting: disabled)
INSTALLATION
Power input
•DC:
Operational voltage range 24 V DC ±10 %;
ripple 10 %p-p max., approx. 1.8 W
Operating temperature: -10 to +55°C (14 to 131°F)
Storage temperature: -20 to +65°C (-4 to +149°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: DIN rail
Weight: 150 g (0.33 lb)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @1 minute
(CC-Link or FG to HLS to power)
EXTERNAL VIEW
X10
X1
STATION ADD.
PWR
RUN1 RUN2
6M
12M
C1
H1
H
C
C2
H2
HLS
RUN1 ERR1 SD1 RD1
RUN2 ERR2 SD2 RD2
X10
X1
STATION ADD.
B.RATE
CC-Link
Operating Mode Setting DIP SW (SW1)
CC-Link Baud Rate Setting Rotary SW
CC-Link Station Address Setting Rotary SW
CC-Link Terminating
Resistor SW
CC-Link Status Indicator LED
CC-Link Terminals
Power Supply
Terminals
HLS RJ-45 Connectors
HLS Terminating Resistor SW
HLS Station Address Setting Rotay SW
HLS Status Indicator LED



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com