Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7G4FML3-6-DC16A-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R7G4FML3-6-DC16A-R
Description  Remote I/O R7G4F Series MECHATROLINK I/O MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7G4FML3-6-DC16A-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R7G4FML3-6-DC16A-R Datasheet HTML 1Page - M-System Co.,Ltd. R7G4FML3-6-DC16A-R Datasheet HTML 2Page - M-System Co.,Ltd. R7G4FML3-6-DC16A-R Datasheet HTML 3Page - M-System Co.,Ltd. R7G4FML3-6-DC16A-R Datasheet HTML 4Page - M-System Co.,Ltd. R7G4FML3-6-DC16A-R Datasheet HTML 5Page - M-System Co.,Ltd. R7G4FML3-6-DC16A-R Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MODEL: R7G4FML3-6-DC16A
R7G4FML3-6-DC16A SPECIFICATIONS
ES-7774-B Rev.1 Page 4/6
http://www.m-system.co.jp/
MECHATROLINK RELATED COMMANDS
Commands available with this unit are the following.
PROFILE
COMMAND
CODE
FUNCTION
Common command
NOP
00H
No operation command
ID_RD
03H
Read ID command
CONFIG
04H
Setup device command
ALM_RD
05H
Read alarm or warning command
ALM_CLR
06H
Clear alarm or warning command
CONNECT
0EH
Establish connection command
DISCONNECT
0FH
Release connection command
Standard I/O pro le
DATA_RWA
20H
Transmit I/O data
RESPONSE TIME
Response time of discrete output module is the time till when the module outputs a signal when the unit completes receiving
from a transmission line.
TCOM: MECHATROLINK-III transmission cycle configured by a host device.
MECHATROLINK-III transmission cycle vavies depends on system and configuration.
T0UT: Response time of output module ≤ Td Internal processing delay time (1 cycle of min. transmission cycle units can handle)
+ Te Delay of output circuit (ON delay time or OFF delay time)
E.g. MECHATROLINK-III transmission cycle of 0.5 msec.
Response time of output module (T0UT): Internal processing delay time (0.125 msec.) + Delay of output circuit (0.5 msec.)
= 0.625 [msec.]
OUTPUT MODULE
SLAVE UNIT
COMPLETES RECEIVING
TOUT
Te
Td
MECHATROLINK-III
TRANSMISSION CYCLE
SLAVE UNIT
STARTS SENDING
TCOM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com