Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7G4HEIP-6-DA16-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R7G4HEIP-6-DA16-R
Description  Remote I/O R7G4H Series EtherNet/IP I/O MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7G4HEIP-6-DA16-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R7G4HEIP-6-DA16-R Datasheet HTML 1Page - M-System Co.,Ltd. R7G4HEIP-6-DA16-R Datasheet HTML 2Page - M-System Co.,Ltd. R7G4HEIP-6-DA16-R Datasheet HTML 3Page - M-System Co.,Ltd. R7G4HEIP-6-DA16-R Datasheet HTML 4Page - M-System Co.,Ltd. R7G4HEIP-6-DA16-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL: R7G4HEIP-6-DA16
R7G4HEIP-6-DA16 SPECIFICATIONS
ES-8004-A Rev.0 Page 3/5
http://www.m-system.co.jp/
EXTERNAL VIEW
4
5
6
7
1
2
3
10 11 12 13
2
3
4
1
15 16 17 18
7
8
9
6
14
5
PWR
SA1
×10
SA2
×1
LNK2
NS
LNK1
MS
LNK1
LNK2
CNFG.
Status Indicator LED
RJ-45 Modular Jack
IP Address Setting
Rotary SW
PC Configurator Jack
Input Terminals
Power Supply Terminals
Discrete Input Status Indicator LED
TERMINAL ASSIGNMENTS
■ INPUT TERMINAL ASSIGNMENT
14
5
6
X7
X6
X8
15
X9
16
17
18
7
8
9
X11
X13
X15
X10
X12
10
1
2
COM
COM
X0
11
X1
12
13
3
4
X3
X5
X2
X4
X14
NO.
ID
FUNCTION
NO.
ID
FUNCTION
1
COM Common
10
COM Common
2
X0
Input 0
11
X1
Input 1
3
X2
Input 2
12
X3
Input 3
4
X4
Input 4
13
X5
Input 5
5
X6
Input 6
14
X7
Input 7
6
X8
Input 8
15
X9
Input 9
7
X10 Input 10
16
X11
Input 11
8
X12 Input 12
17
X13
Input 13
9
X14 Input 14
18
X15
Input 15
■POWER SUPPLY TERMINAL ASSIGNMENT
4
NC
5
6
7
1
2
3
NC
+24V 0V
NC
NC
FE
1. NC
2. NC
3. FE
4. NC
5. NC
6. +24V
7. 0V
-
-
Functional earth
-
-
Power supply (24V DC)
Power supply (0V)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com