Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7G4HML3-6-PA1A1-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R7G4HML3-6-PA1A1-R
Description  Remote I/O R7G4H Series MECHATROLINK I/O MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7G4HML3-6-PA1A1-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R7G4HML3-6-PA1A1-R Datasheet HTML 1Page - M-System Co.,Ltd. R7G4HML3-6-PA1A1-R Datasheet HTML 2Page - M-System Co.,Ltd. R7G4HML3-6-PA1A1-R Datasheet HTML 3Page - M-System Co.,Ltd. R7G4HML3-6-PA1A1-R Datasheet HTML 4Page - M-System Co.,Ltd. R7G4HML3-6-PA1A1-R Datasheet HTML 5Page - M-System Co.,Ltd. R7G4HML3-6-PA1A1-R Datasheet HTML 6Page - M-System Co.,Ltd. R7G4HML3-6-PA1A1-R Datasheet HTML 7Page - M-System Co.,Ltd. R7G4HML3-6-PA1A1-R Datasheet HTML 8Page - M-System Co.,Ltd. R7G4HML3-6-PA1A1-R Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MODEL: R7G4HML3-6-PA1
R7G4HML3-6-PA1 SPECIFICATIONS
ES-7772-D Rev.0 Page 3/10
http://www.m-system.co.jp/
OUTPUT SPECIFICATIONS
■ Alarm Output: Open collector
Number of output: 2
Common: Negative common
Rated load voltage: 24 V DC ±10 %
Max. load current: 0.1 A per point
Voltage drop at ON: ≤ 1.2 V
Leakage current at OFF: ≤ 1 mA
ON delay: ≤ 50 μsec.
OFF delay: ≤ 500 μsec.
INSTALLATION
Current consumption
•DC: Approx. 80 mA
Operating temperature: -10 to +55°C (14 to 131°F)
Storage temperature: -20 to +65°C (-4 to +149°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Surface or DIN rail (35 mm rail)
Weight: 220 g (0.49 lb)
PERFORMANCE
Speed conversion accuracy: ±0.1 %
Data range
Speed: 0 – 10000 of the input range
Position
Ring: 0 to 4 294 967 295
Linear: -2 100 000 000 to +2 100 000 000
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute
(input or output or sensor excitation to MECHATROLINK or
FE to power)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581
PC CONFIGURATOR
The following parameters can be set with using PC
Configurator Software (model: R7CFG)
Refer to the users manual for the R7CFG for detailed
operation of the software program.
■ DATA TYPE
PARAMETER
SETTING RANGE
DEFAULT
SETTING
Data type
Position
Speed
Position
■ POSITION DATA MODE
PARAMETER
SETTING RANGE
DEFAULT
SETTING
Reset value
(linear counter)
Min. totalized value –
Max. totalized value
0
Minimum totalized
value
(linear counter)
-2 100 000 000 to
+2 099 999 999
-2 100 000 000
Maximum totalized
value
(linear counter)
-2 099 999 999 to
+2 100 000 000
2 100 000 000
Count mode
Mode 0: x1 (phase A, B)
Mode 1: x1 (phase A)
Mode 2: x2
Mode 3: x4
Mode 3: x4
Data type
Linear counter
Ring counter
Linear counter
■ SPEED DATA MODE
PARAMETER
SETTING RANGE
DEFAULT
SETTING
Frequency range
0 – 100 kHz
0 – 10 kHz
0 – 1 kHz
0 – 100 Hz
0 – 10 Hz
0 – 1 Hz
0 – 0.1 Hz
0 – 100 kHz
Drop out
(low-end cutout)
0.10 – 25.00 (%)
0.10 (%)
Bias adjustment
-320.00 – +320.00 (%)
0.00 (%)
Gain adjustment
-3.2000 – +3.2000
1.0000
Zero scale
-32 000 – +32 000
0
Full scale
-32 000 – +32 000
10 000



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com