Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7G4HML3-6-TS4-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R7G4HML3-6-TS4-R
Description  Remote I/O R7G4H Series MECHATROLINK I/O MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7G4HML3-6-TS4-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R7G4HML3-6-TS4-R Datasheet HTML 1Page - M-System Co.,Ltd. R7G4HML3-6-TS4-R Datasheet HTML 2Page - M-System Co.,Ltd. R7G4HML3-6-TS4-R Datasheet HTML 3Page - M-System Co.,Ltd. R7G4HML3-6-TS4-R Datasheet HTML 4Page - M-System Co.,Ltd. R7G4HML3-6-TS4-R Datasheet HTML 5Page - M-System Co.,Ltd. R7G4HML3-6-TS4-R Datasheet HTML 6Page - M-System Co.,Ltd. R7G4HML3-6-TS4-R Datasheet HTML 7Page - M-System Co.,Ltd. R7G4HML3-6-TS4-R Datasheet HTML 8Page - M-System Co.,Ltd. R7G4HML3-6-TS4-R Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MODEL: R7G4HML3-6-TS4
R7G4HML3-6-TS4 SPECIFICATIONS
ES-7772-C Rev.0 Page 2/9
http://www.m-system.co.jp/
MECHATROLINK-III COMMUNICATION
Baud rate: 100 Mbps
Transmission distance: 6300 m max.
Distance between stations: 100 m max.
Transmission media: MECHATROLINK cable (Model JEPMC-
W6013-x-E, Yaskawa Controls Co., Ltd.)
Connector: TYCO AMP Industrial mini I/O connector
Max. number of slaves: 62
(The maximum number of slaves might change depending
on the master unit. Refer to the manual of the master unit)
Transmission cycle: 125 µsec., 250 µsec., 500 µsec., 1 – 64
msec. (with 1 msec. increments)
Communication cycle: 125 µsec. through 64 msec.
Applicable profile: Standard I/O profile (cyclic
communication)
Event-driven communication acquiring ID profile (event-
driven communication)
Transmission bytes: 16 bytes
Station address: 03H through EFH (set with rotary switches)
Cyclic communication: Available
Event-driven communication: Available
Slave monitoring: None
INPUT SPECIFICATIONS
Input resistance: 30 kΩ min.
Burnout sensing: 0.1 μA
T/C
BURNOUT
INDICATION (°C)
K (CA)
-272
+1472
-150 to +1370
E (CRC)
-272
+1120
-170 to +1000
J (IC)
-260
+1300
-180 to +1200
T (CC)
-272
+ 500
-170 to + 400
B (RH)
24
1920
400 to 1760
R
-100
+1860
200 to 1760
S
-100
+1860
0 to 1760
C (WRe 5-26)
-52
+2416
0 to 2315
N
-272
+1400
-130 to +1300
U
-252
+ 700
-200 to +600
L
-252
+1000
-200 to +900
P (Platinel II)
-52
+1496
0 to 1395
(PR)
-52
+1860
0 to 1760
Downscale
Upscale
CONFORMANCE
RANGE (°C)
K (CA)
-458
+2682
-238 to +2498
E (CRC)
-458
+2048
-274 to +1832
J (IC)
-436
+2372
-292 to +2192
T (CC)
-458
+932
-274 to +752
B (RH)
75
3488
752 to 3200
R
-148
+3380
392 to 3200
S
-148
+3380
32 to 3200
C (WRe 5-26)
-62
+4381
32 to 4199
N
-458
+2552
-202 to +2372
U
-422
+1292
-328 to +1112
L
-422
+1832
-328 to +1652
P (Platinel II)
-62
+2725
32 to 2543
(PR)
-62
+3380
32 to 3200
CONFORMANCE
RANGE (°F)
Downscale
Upscale
BURNOUT
INDICATION (°F)
T/C
INSTALLATION
Current consumption
•DC: Approx. 100 mA
Operating temperature: -10 to +55°C (14 to 131°F)
Storage temperature: -20 to +65°C (-4 to +149°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Surface or DIN rail (35 mm rail)
Weight: 220 g (0.49 lb)
PERFORMANCE
Conversion accuracy: ±1°C (±1.8°F) except ±2.0°C
(±3.6°F) for B, R, S, C, PR
Conversion rate: 240 msec.
Converted data range
Engineering unit value: (°C, K) × 10(integer);
No multiplication for °F
Scaling: Refere to the R7CFG operation manual for details.
Cold junction compensation error: ±1.0°C maximum (at



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com