Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBC876 Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LBC876
Description  BLUE LINE-TM HYPER MINI SIDELED HYPER-BRIGHT LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBC876 Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LBC876 Datasheet HTML 5Page - OSRAM GmbH LBC876 Datasheet HTML 6Page - OSRAM GmbH LBC876 Datasheet HTML 7Page - OSRAM GmbH LBC876 Datasheet HTML 8Page - OSRAM GmbH LBC876 Datasheet HTML 9Page - OSRAM GmbH LBC876 Datasheet HTML 10Page - OSRAM GmbH LBC876 Datasheet HTML 11Page - OSRAM GmbH LBC876 Datasheet HTML 12Page - OSRAM GmbH LBC876 Datasheet HTML 13Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
LB C876
2001-11-14
11
Empfohlenes Lötpaddesign
IR Reflow Löten
Recommended Solder Pad
IR Reflow Soldering
Maße werden wie folgt angegeben: mm (inch) / Dimensions are specified as follows: mm (inch).
OHLPY981
6.6 (2.598)
1.2 (0.472)
for improved
heat dissipation
Cu-area > 16 mm
Cu-Fläche > 16 mm
Wärmeableitung
für verbesserte
Padgeometrie
Paddesign
2
2
Solder resist
Lötstopplack
6.6 (2.598)
1.2 (0.472)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com