Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJ3845B Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # PJ3845B
Description  High Performance Current Mode Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PJ3845B Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button PJ3845B Datasheet HTML 3Page - List of Unclassifed Manufacturers PJ3845B Datasheet HTML 4Page - List of Unclassifed Manufacturers PJ3845B Datasheet HTML 5Page - List of Unclassifed Manufacturers PJ3845B Datasheet HTML 6Page - List of Unclassifed Manufacturers PJ3845B Datasheet HTML 7Page - List of Unclassifed Manufacturers PJ3845B Datasheet HTML 8Page - List of Unclassifed Manufacturers PJ3845B Datasheet HTML 9Page - List of Unclassifed Manufacturers PJ3845B Datasheet HTML 10Page - List of Unclassifed Manufacturers PJ3845B Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PJ3844B / PJ3845B
High Performance Current Mode Controller
7-14
2004/11. Rev B
FIGURE 17-REPRESENTATIVE BLOCK DIAGRAM
Pin numbers adjacent to terminals are for the 8 pin dual-in-line package.
Pin numbers in parenthesis are for the SOP-14 package.
FIGURE 18-TIMING DIAGRAM
Two undervoltage lockout comparators have been
incorporated to guarantee that the IC is fully functional before
the output stage is enabled. The positive power supply
terminal (VCC) and the reference output (Vref) are each
monitored by separate comparators.Each has built-in
hysteresis to prevent erratic output behavior as their respective
thresholds are crossed.The VCC comparator upper and lower
thresholds are 1 8.4 V/7.6 V for the UC3845A
The Vref comparator upper and lower thresholds are
3.6V/3.4V.The large hysteresis and low start-up current of the
UC3844B makes it ideally suited in off-line converter
applications where efficient bootstrap start-up technique
(Figure 33). 36 V zener is connected as a shunt regulator from
VCC to ground.Its purpose is to protect the IC from excessive
voltage that can occur during system start-up. The minimum
operating voltage for the UC3844B is 11V.
UNDERVOLTAGE LOCKOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com