Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7HL-YV2-R/R20 Datasheet(PDF) 21 Page - M-System Co.,Ltd.

Part # R7HL-YV2-R/R20
Description  Remote I/O R7 Series HI-SPEED LINK SYSTEM I/O MODULE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7HL-YV2-R/R20 Datasheet(HTML) 21 Page - M-System Co.,Ltd.

Back Button R7HL-YV2-R/R20 Datasheet HTML 17Page - M-System Co.,Ltd. R7HL-YV2-R/R20 Datasheet HTML 18Page - M-System Co.,Ltd. R7HL-YV2-R/R20 Datasheet HTML 19Page - M-System Co.,Ltd. R7HL-YV2-R/R20 Datasheet HTML 20Page - M-System Co.,Ltd. R7HL-YV2-R/R20 Datasheet HTML 21Page - M-System Co.,Ltd. R7HL-YV2-R/R20 Datasheet HTML 22Page - M-System Co.,Ltd. R7HL-YV2-R/R20 Datasheet HTML 23Page - M-System Co.,Ltd. R7HL-YV2-R/R20 Datasheet HTML 24Page - M-System Co.,Ltd. R7HL-YV2-R/R20 Datasheet HTML 25Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
MODEL: R7HL
R7HL SPECIFICATIONS
ES-7812 Rev.18 Page 21/55
http://www.m-system.co.jp/
CIRCUIT DIAGRAM
Note: In order to improve EMC performance, bond the FG
terminal to ground.
Caution: FG terminal is NOT a protective conductor
terminal.
Control
Circuit
4
5
2
1
3
FG
6
7
24V DC
0V
(NC) TXD−
(NC) TXD+
(TR–) RXD−
(TR+) RXD+
1
3
18
10
12
11
4
15
13
5
7
6
16
14
8
17
9
COM
X1
X2
X3
X4
X5
X6
X7
+24V
Y1
0V
Y0
Y2
Y3
Y4
Y5
Y6
X0
2
15
+24V
Y0
18 Y6
14
6 0V
1
5
COM
X0
10
X7
1
COM
10
X0
5
X7
14
18
6
15
+24V
Y0
0V
Y6
1
COM
10
X0
5
X7
14
18
6
15
+24V
Y0
0V
Y6
Input
Output
Comm.
Circuit
Isolation
Note: Terminal numbers in parentheses are for half-duplex communication model.
■ Input Circuit
■ Output Circuit
■ I/O Connection Example
Control
Circuit
Control
Circuit
PNP Input
NPN Input
−
+
−
+
−
+
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com