Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE34AC04TMUH Datasheet(PDF) 21 Page - ACE Technology Co., LTD.

Part # ACE34AC04TMUH
Description  4K I2C Serial EEPROM with Software Write Protection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE34AC04TMUH Datasheet(HTML) 21 Page - ACE Technology Co., LTD.

Back Button ACE34AC04TMUH Datasheet HTML 14Page - ACE Technology Co., LTD. ACE34AC04TMUH Datasheet HTML 15Page - ACE Technology Co., LTD. ACE34AC04TMUH Datasheet HTML 16Page - ACE Technology Co., LTD. ACE34AC04TMUH Datasheet HTML 17Page - ACE Technology Co., LTD. ACE34AC04TMUH Datasheet HTML 18Page - ACE Technology Co., LTD. ACE34AC04TMUH Datasheet HTML 19Page - ACE Technology Co., LTD. ACE34AC04TMUH Datasheet HTML 20Page - ACE Technology Co., LTD. ACE34AC04TMUH Datasheet HTML 21Page - ACE Technology Co., LTD. ACE34AC04TMUH Datasheet HTML 22Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
ACE34AC04
4K I
2C Serial EEPROM with Software Write Protection
VER 1.1
21
Packaging information
USON3*2-8
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min
Max
Min
Max
A
0.450
0.550
0.017
0.021
A1
0.000
0.050
0.000
0.002
b
0.180
0.300
0.007
0.039
b1
0.160REF
0.006REF
c
0.100
0.200
0.004
0.008
D
1.900
2.100
0.075
0.083
D2
1.400
1.600
0.055
0.062
e
0.500BSC
0.020BSC
Nd
1.500BSC
0.059BSC
E
2.900
3.100
0.114
0.122
E2
1.500
1.700
0.059
0.067
L
0.300
0.500
0.012
0.020
h
0.200
0.300
0.066
0.12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com