Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25QC160GLMMTH Datasheet(PDF) 49 Page - ACE Technology Co., LTD.

Part # ACE25QC160GLMMTH
Description  16M BIT SPI NOR FLASH
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC160GLMMTH Datasheet(HTML) 49 Page - ACE Technology Co., LTD.

Back Button ACE25QC160GLMMTH Datasheet HTML 45Page - ACE Technology Co., LTD. ACE25QC160GLMMTH Datasheet HTML 46Page - ACE Technology Co., LTD. ACE25QC160GLMMTH Datasheet HTML 47Page - ACE Technology Co., LTD. ACE25QC160GLMMTH Datasheet HTML 48Page - ACE Technology Co., LTD. ACE25QC160GLMMTH Datasheet HTML 49Page - ACE Technology Co., LTD. ACE25QC160GLMMTH Datasheet HTML 50Page - ACE Technology Co., LTD. ACE25QC160GLMMTH Datasheet HTML 51Page - ACE Technology Co., LTD. ACE25QC160GLMMTH Datasheet HTML 52Page - ACE Technology Co., LTD. ACE25QC160GLMMTH Datasheet HTML 53Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 73 page
background image
ACE25QC160G
16M BIT SPI NOR FLASH
VER 1.2
49
Enable Reset (66H) and Reset Device (99H)
Because of the small package and the limitation on the number of pins, the ACE25QC160G provides a
software Reset instruction instead of a dedicated RESET pin. Once the software Reset instruction is
accepted, any on-going internal operations will be terminated and the device will return to its default
power-on state and lose all the current volatile settings, such as Volatile Status Register bits, Write Enable
Latch (WEL) status, Program/Erase Suspend status, Continuous Read Mode bit setting (M7-M0) and Wrap
Bit setting (W6-W4).
To avoid accidental reset, both “Enable Reset (66h)” and “Reset (99h)” instructions must be issued in
sequence. Any other commands other than “Reset (99h)” after the “Enable Reset (66h)” command will
disable the “Reset Enable” state. A new sequence of “Enable Reset (66h)” and “Reset (99h)” is needed to
reset the device. Once the Reset command is accepted by the device, the device will take approximately
30us to reset. During this period, no command will be accepted.
The Enable Reset (66h) and Reset (99h) instruction sequence is shown in Figure 30.a (SPI mode) & Figure
30.b (QPI mode) .
Data corruption may happen if there is an on-going or suspended internal Erase or Program operation
when Reset command sequence is accepted by the device. It is recommended to check the BUSY bit and
the SUS bit in Status Register before issuing the Reset command sequence.
Figure30.a. Enable Reset (66h) and Reset (99h) Command Sequence (SPI mode)
Figure30.b. Enable Reset and Reset Instruction Sequence (QPI Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com