Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE346N Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE346N
Description  Low Loss Power Distribution Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE346N Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE346N Datasheet HTML 1Page - ACE Technology Co., LTD. ACE346N Datasheet HTML 2Page - ACE Technology Co., LTD. ACE346N Datasheet HTML 3Page - ACE Technology Co., LTD. ACE346N Datasheet HTML 4Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ACE346N
Low Loss Power Distribution Switch
VER 1.1
1
Description
ACE346N is an ultra-low RDS(ON) switch with current limiting function to protect the power source from
over current and short circuit conditions.
Features
⚫
Distribution voltages: 2.5V to 5.5V
⚫
Over temperature shutdown and automatic retry
⚫
Reverse blocking (no body diode)
⚫
At shutdown, OUT can be forced higher than IN
⚫
Fault flag (OCB) output for over current and fault conditions
⚫
Automatic output discharge at shutdown
⚫
Built-in soft-start
⚫
1.6ms rise time at 3.3Vin condition
⚫
RoHS Compliant and Halogen Free
⚫
Compact packages minimize board space: SOT-23-5
Absolute Maximum Ratings (Note1)
Parameter
Value
All pins
6V
Power Dissipation, PD@TA=25°C
0.4W
Package Thermal Resistance (Note 2)
θJA
250°C/W
θJC
130°C/W
Junction Temperature Range
150°C
Lead Temperature (Soldering, 10sec.)
260°C
Storage Temperature Range
-65°C to 150°C
ESD Susceptibility (Note 2)
HBM (Human Body Mode)
2kV
MM (Machine Mode)
200V
Note 1: Stresses beyond the
“Absolute Maximum Ratings” may cause permanent damage to the device.
These are stress ratings only. Functional operation of the device at these or any other conditions beyond
those indicated in the operational sections of the specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note 2:
θJA is measured in the natural convection at TA = 25°C on a low effective single layer thermal
conductivity test board of JEDEC 51-3 thermal measurement standard. Pin 2 of SOT23-5 packages is the
case position for
θJC JC measurement.


Similar Part No. - ACE346N

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE3400 ACE-ACE3400 Datasheet
262Kb / 7P
N-Channel Enhancement Mode MOSFET
VER 1.2
ACE3400 ACE-ACE3400 Datasheet
646Kb / 7P
N-Channel Enhancement Mode MOSFET
VER 1.4
ACE3400B ACE-ACE3400B Datasheet
520Kb / 6P
N-Channel Enhancement Mode MOSFET
VER 1.2
ACE3400BM+H ACE-ACE3400BM+H Datasheet
262Kb / 7P
N-Channel Enhancement Mode MOSFET
VER 1.2
ACE3400BM+H ACE-ACE3400BM+H Datasheet
646Kb / 7P
N-Channel Enhancement Mode MOSFET
VER 1.4
More results

Similar Description - ACE346N

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2537 MICREL-MIC2537_11 Datasheet
86Kb / 12P
Quad Power Distribution Switch Quad Power Distribution Switch
logo
Global Mixed-mode Techn...
G553 GMT-G553 Datasheet
179Kb / 1P
Power Distribution Switch
logo
Unisonic Technologies
US3X77 UTC-US3X77_15 Datasheet
628Kb / 10P
POWER DISTRIBUTION SWITCH
logo
Global Mixed-mode Techn...
G548S GMT-G548S Datasheet
123Kb / 1P
Power Distribution Switch
G5250 GMT-G5250 Datasheet
90Kb / 1P
Power Distribution Switch
logo
Unisonic Technologies
US3X77 UTC-US3X77_17 Datasheet
636Kb / 10P
POWER DISTRIBUTION SWITCH
US3075 UTC-US3075_15 Datasheet
603Kb / 9P
POWER DISTRIBUTION SWITCH
logo
Silergy Corp.
SY6280 SILERGY-SY6280 Datasheet
1Mb / 10P
5.5V, 2A Low Loss Power Distribution Switch
logo
List of Unclassifed Man...
G547E ETC1-G547E Datasheet
1Mb / 15P
Power Distribution Switch
logo
Global Mixed-mode Techn...
G524A GMT-G524A_V01 Datasheet
2Mb / 19P
Power Distribution Switch
Ver: 0.94 Aug 02, 2016
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com