Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE701CC21.8VBMSH Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE701CC21.8VBMSH
Description  Synchronous Step-Up DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE701CC21.8VBMSH Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE701CC21.8VBMSH Datasheet HTML 1Page - ACE Technology Co., LTD. ACE701CC21.8VBMSH Datasheet HTML 2Page - ACE Technology Co., LTD. ACE701CC21.8VBMSH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE701CC21.8VBMSH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE701CC21.8VBMSH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE701CC21.8VBMSH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE701CC21.8VBMSH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE701CC21.8VBMSH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE701CC21.8VBMSH Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ACE701CC
Synchronous Step-Up DC/DC Converter
VER 1.2
2
Packaging Type
SOT-23-3/TSOT-23-3
SOT-23-5
SOT-89-3
Ordering information
ACE701CC X XX XX + H
Pin No
Description
Function
1
VOUT
Output voltage pin
2
VSS
GND pin
3
LX
External inductor connection pin
Pin No
Description
Function
1
EN
Shutdown pin
“
H”: Normal operation
“
L”: Step-up stopped
2
VOUT
Output voltage pin
3
NC
(N.C.)
4
VSS
GND pin
5
LX
External inductor connection pin
Pin No
Description
Function
1
VSS
GND pin
2
VOUT
Output voltage pin
3
LX
External inductor connection pin
Output Voltage : 1.8V
……5.5V
Function Description :
1 : Internal Tr. Driver, Without Enable circuit
2 : Internal Tr. Driver, With Enable circuit
Pb - free
BM : SOT-23-3
BMS : TSOT-23-3
BN : SOT-23-5
AM : SOT-89-3
Halogen - free



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com