Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE1134A2ABMH Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE1134A2ABMH
Description  N-Channel Enhancement Mode MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1134A2ABMH Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE1134A2ABMH Datasheet HTML 1Page - ACE Technology Co., LTD. ACE1134A2ABMH Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1134A2ABMH Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ACE1134A2A
N-Channel Enhancement Mode MOSFET
VER 1.1
2
Absolute Maximum Ratings (T
A=25℃ Unless otherwise noted)
Parameter
Symbol
Typical
Unit
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±12
V
Continuous Drain Current (TJ=150℃)
TA=25℃
ID
4.0
A
TA=70℃
2.8
Pulsed Drain Current
IDM
10
A
Continuous Source Current (Diode Conduction)
IS
1.25
A
Power Dissipation
TA=25℃
PD
1.25
A
TA=70℃
0.8
Operating Junction Temperature
TJ
150
W
Storage Temperature Range
TSTG
-55~150
O
C
Thermal Resistance-Junction to Ambient
RθJA
100
O
C /W
Ordering information
ACE1134A2A XX + H
BM: SOT-23-3
Pb - free
Halogen - free



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com