Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE5012C Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE5012C
Description  0.8uA Low Power Consumption Regulator with Enable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5012C Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE5012C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE5012C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE5012C Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ACE5012C
0.8uA Low Power Consumption Regulator with Enable
VER 1.1
2
Packaging Type
SOT-23-5
DFN1*1-4
Pin Configuration
SOT-23-5
DFN1*1-4
Description
Function
1
4
VIN
Supply voltage input
2
2
GND
Ground pin
3
3
CE
Chip enable
4
NC
No connection
5
1
VOUT
Output voltage
Ordering information
ACE5012C XX XX + H
BN: SOT-23-5
IN: DFN1*1-4
Output Voltage:1.2V/1.5V/2.5V/2.8V/3.0V/3.3V
Pb - free
Halogen - free



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com