Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE5050LA Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE5050LA
Description  500mA High PSRR, Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5050LA Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE5050LA Datasheet HTML 1Page - ACE Technology Co., LTD. ACE5050LA Datasheet HTML 2Page - ACE Technology Co., LTD. ACE5050LA Datasheet HTML 3Page - ACE Technology Co., LTD. ACE5050LA Datasheet HTML 4Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ACE5050LA
500mA High PSRR, Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
VER 1.1
2
Absolute Maximum Ratings (Note1)
Parameter
Value
Input Supply Voltage (VIN)
-0.3V to +6V
EN Pin Input Voltage
-0.3V to VIN
Output Voltage
-0.3V to VIN+0.3V
Output Current
500mA
Maximum Junction Temperature
150°C
Operating Temperature Range (Note2)
-40°C to 85°C
Storage Temperature Range
-65°C to 125°C
Lead Temperature (Soldering, 10s)
300°C
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired.
Note 2: The ACE5050LA is guaranteed to meet performance specifications from 0°C to 70°C. Specifications over
the
–40°C to 85°C operating temperature range are assured by design, characterization and correlation with
statistical process controls.
Note 3: Thermal Resistance is specified with approximately 1 square of 1 Oz copper.
Ordering information
ACE5050LAXX XX+H
Pb - free
BN:SOT-23-5
HN:SC-70-5
IN:DFN1*1-4
Halogen - free
Output Voltage:1.0V/1.5V/
……/3.3V/3.6V/4.0V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com