Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE5175X Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE5175X
Description  7V 600mA 75dB High PSRR, High Speed LDO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5175X Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE5175X Datasheet HTML 1Page - ACE Technology Co., LTD. ACE5175X Datasheet HTML 2Page - ACE Technology Co., LTD. ACE5175X Datasheet HTML 3Page - ACE Technology Co., LTD. ACE5175X Datasheet HTML 4Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ACE5175X
7V 600mA 75dB High PSRR, High Speed LDO
VER 1.1
1
Description
ACE5175X is a low dropout, positive linear regulator with very low quiescent current. It can supply
600mA output current with a input range from 1.7V to 7V, which makes it suitable for all kinds of
applications.
ACE5175X uses advanced CMOS technology to achieve very low dropout voltage (300mV @600mA).
Fast structural design achieves 75dB PSRR at 1kHz while still maintaining a small 50uA quiescent current.
Trimming technique is used to guarantee output voltage accuracy within ±1%.
ACE5175X provides full fault protection including current limit, short circuit protection and thermal shut
down.
Only 1uF ceramic capacitor is required to maintain stability and fast response. 4000V HBM ESD is
guaranteed by design.
ACE5175X is available in SOT-23-5 package.
Features
⚫
1.7V to 7V wide input range
⚫
1% output accuracy
⚫
Adjustable Output from 0.6V to (Vin -Vdrop)
⚫
600mA maximum load
⚫
50uA low quiescent current
⚫
0.02%/V Line regulation
⚫
75dB PSRR @ 1kHz
⚫
-
40 OC ~125 OC wide operating temperature
⚫
Foldback short circuit protection.
⚫
Auto discharge function
⚫
150 OC thermal protection
⚫
4000V HBM ESD
Application
⚫
Battery powered portable devices
⚫
Smart phone, tablet
⚫
Hi resolution camera sensor power
⚫
Wireless modules
⚫
RF, PLL, VCO clock power


Similar Part No. - ACE5175X

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE517 ACE-ACE517 Datasheet
213Kb / 8P
WLED Linear Driver for Li-lon Battery Application
VER 1.2
ACE5172C ACE-ACE5172C Datasheet
199Kb / 3P
2A Low Consumption Linear Regulator
VER 1.4
ACE5176X ACE-ACE5176X Datasheet
192Kb / 3P
7V 600mA 75dB High PSRR, High Speed LDO
VER 1.1
ACE5177X ACE-ACE5177X Datasheet
181Kb / 3P
7V 300mA 75dB High PSRR, High Speed LDO
VER 1.1
ACE517C ACE-ACE517C Datasheet
923Kb / 9P
2A Low Consumption Linear Regulator
VER 1.2
More results

Similar Description - ACE5175X

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G9188 GMT-G9188 Datasheet
50Kb / 1P
600mA High PSRR, Low Noise, LDO Regulators
logo
Excelliance MOS Corp.
EM1106 EXCELLIANCE-EM1106 Datasheet
815Kb / 10P
600mA High PSRR Low Noise LDO
logo
Will Semiconductor Ltd.
WL2808E WILLSEMI-WL2808E Datasheet
1Mb / 9P
Low noise, High PSRR, High speed, CMOS LDO
WL2811EA WILLSEMI-WL2811EA Datasheet
4Mb / 13P
Low noise, High PSRR, High speed, CMOS LDO
WL2820X WILLSEMI-WL2820X Datasheet
3Mb / 14P
Low noise, High PSRR, High speed, CMOS LDO
WL2836D WILLSEMI-WL2836D Datasheet
3Mb / 14P
Low noise, High PSRR, High speed, CMOS LDO
WL2836E WILLSEMI-WL2836E Datasheet
4Mb / 15P
Low noise, High PSRR, High speed, CMOS LDO
logo
Fitipower Integrated Te...
FP6166 FITIPOWER-FP6166 Datasheet
697Kb / 11P
600mA Low Noise High PSRR LDO with Shutdown
logo
ACE Technology Co., LTD...
ACE5176X ACE-ACE5176X Datasheet
192Kb / 3P
7V 600mA 75dB High PSRR, High Speed LDO
VER 1.1
ACE5177X ACE-ACE5177X Datasheet
181Kb / 3P
7V 300mA 75dB High PSRR, High Speed LDO
VER 1.1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com