Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE5024D1.8VBMBH Datasheet(PDF) 7 Page - ACE Technology Co., LTD.

Part # ACE5024D1.8VBMBH
Description  Ultra Fast High PSRR Low Noise CMOS Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5024D1.8VBMBH Datasheet(HTML) 7 Page - ACE Technology Co., LTD.

Back Button ACE5024D1.8VBMBH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE5024D1.8VBMBH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE5024D1.8VBMBH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE5024D1.8VBMBH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE5024D1.8VBMBH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE5024D1.8VBMBH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE5024D1.8VBMBH Datasheet HTML 9Page - ACE Technology Co., LTD. ACE5024D1.8VBMBH Datasheet HTML 10Page - ACE Technology Co., LTD. ACE5024D1.8VBMBH Datasheet HTML 11Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
ACE5024D
Ultra Fast High PSRR Low Noise CMOS Voltage Regulator
VER 1.2
7
COUT Auto-Discharge Function
ACE5024D series can discharge the electric charge in the output capacitor (COUT), when a low signal to
the CE pin, which enables a whole IC circuit turn off, is inputted via the
N-channel transistor located between the VOUT pin and the VSS pin (cf. Block Diagram). The COUT
auto-
discharge resistance value is set at 60Ω (V
OUT=3.0V @ VIN=5.0V at typical). The discharge time of
the output capacitor (COUT) is set by the COUT auto-discharge resistance (R) and the output capacitor
(COUT). By setting time constant of a COUT auto-discharge resistance value [RDISCHRG] and an output
capacitor value (COUT
) as τ (τ=C x R
DISCHRG), the output voltage after discharge via the N-channel
transistor is calculated by the following formulas.
( V : Output voltage after discharge, VOUT(E)
: Output voltage, t: Discharge time,τ: C
OUT auto-discharge
resistance RDISCHRG×Output capacitor (COUT) value C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com