Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE5176X Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE5176X
Description  7V 600mA 75dB High PSRR, High Speed LDO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5176X Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE5176X Datasheet HTML 1Page - ACE Technology Co., LTD. ACE5176X Datasheet HTML 2Page - ACE Technology Co., LTD. ACE5176X Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ACE5176X
7V 600mA 75dB High PSRR, High Speed LDO
VER 1.1
2
Absolute Maximum Ratings
Parameter
Value
Max Input Voltage
8.5V
Operating Junction Temperature (TJ)
150 OC
Ambient Temperature (TA)
-
40 OC ~125 OC
Package Thermal Resistance
TSOT-23-3
280 OC/W
SOT-23-5
220 OC/W
SOT-89-3
170 OC/W
Storage Temperature (TS)
-
40 OC~150 OC
Lead Temperature & Time
260OC, 10 Sec
Note: Exceed these limits to damage to the device.
Exposure to absolute maximum rating conditions may affect device reliability.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com