Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1809 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SSD1809
Description  LCD SEGMENT / COMMON DRIVER WITH CONTROLLER CMOS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSD1809 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SSD1809 Datasheet HTML 3Page - List of Unclassifed Manufacturers SSD1809 Datasheet HTML 4Page - List of Unclassifed Manufacturers SSD1809 Datasheet HTML 5Page - List of Unclassifed Manufacturers SSD1809 Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1809 Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1809 Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1809 Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1809 Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1809 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
SSD1809
SOLOMON
7
REV 1.3
03/02
Figure 1 : Internal Oscillator Frequency Relationship with External Resistor Value at VDD = 3V
AC ELECTRICAL CHARACTERISTICS (Voltage Referenced to VSS, VDD=2.2 to 3.5V, TA=25°C; unless otherwise specified.)
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
FOSC
Oscillation Frequency of Display timing
generator
Resistor between OSC1 andOSC2 is 900k W
Internal Oscillator Enabled
-
50
-
kHz
FFRM
Frame Frequency in Graphic / Charac-
ter Display Mode
Frame Frequency in Low Power Icon
Mode
Normal Display Frequency
Half Display Frequency
Icon Mode A and Normal Display Frequency
Icon Mode B and Normal Display Frequency
Icon Mode C and Normal Display Frequency
Icon Mode D and Normal Display Frequency
Icon Mode A and Half Display Frequency
Icon Mode B and Half Display Frequency
Icon Mode C and Half Display Frequency
Icon Mode D and Half Display Frequency
Fosc / [2 x Mux Ratio x (Frame Freq Register + 1)]
Fosc / [4 x Mux Ratio x (Frame Freq Register + 1)]
Fosc / [48 x (Frame Freq Register + 1)]
Fosc / [64 x (Frame Freq Register + 1)]
Fosc / [96 x (Frame Freq Register + 1)]
Fosc / [144 x (Frame Freq Register + 1)]
Fosc / [96 x (Frame Freq Register +1)]
Fosc / [128 x (Frame Freq Register + 1)]
Fosc / [192 x (Frame Freq Register + 1)]
Fosc / [288 x (Frame Freq Register + 1)]
OSC
Internal Oscillation Frequency with dif-
ferent value of feedback resistor
Internal Oscillator Enabled, VDD within oper-
ation range
See Figure 1 for the relationship
500k
1.0M
1.5M
2.0M
Resistor Value between OSC1 and OSC2 (
Ω)
Oscillation
Frequency
(Hz)
260k
80k
60k
40k
20k
280k
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com