Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

577286 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 577286
Description  Air solenoid valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

577286 Datasheet(HTML) 2 Page - Festo Corporation.

  577286 Datasheet HTML 1Page - Festo Corporation. 577286 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
On switching time
35 ms
Duty cycle
100%
Max. input voltage Vi
28 V
Max. input current Ii
0.115 A
Permissible voltage fluctuations
+/- 10 %
Explosion prevention and protection
Zone 1 (ATEX)
Zone 2 (ATEX)
Zone 21 (ATEX)
Zone 22 (ATEX)
Zone 0 (IEC-EX)
Zone 21 (IEC-EX)
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Temperature of medium
-20 °C ... 60 °C
Ambient temperature
-20 °C ... 60 °C
Product weight
530 g
Electrical connection
Form A
as per EN 175301-803
Type of mounting
With through-hole
Venting hole connection
Not ducted
Pneumatic connection 1
1/4 NPT
Pneumatic connection 2
NAMUR connection diagram
Pneumatic connection 3
1/4 NPT
Pneumatic connection 4
NAMUR connection diagram
Pneumatic connection 5
1/4 NPT
Note on materials
RoHS-compliant
Seals material
NBR
Housing material
Wrought aluminum alloy
Material of screws
High-alloy stainless steel
8/17/21 - Subject to change - Festo AG & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com