Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

577296 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 577296
Description  Air solenoid valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

577296 Datasheet(HTML) 1 Page - Festo Corporation.

  577296 Datasheet HTML 1Page - Festo Corporation. 577296 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Air solenoid valve
VSNC-F-B52-D-G14-F8-1B2
Part number: 577296
Data sheet
Feature
Value
Valve function
5/2, bistable
Actuation type
Electrical
Width
32 mm
Standard nominal flow rate
1350 l/min
Pneumatic working port
NAMUR connection diagram
Operating voltage
24V DC
Operating pressure
1.5 bar ... 10 bar
Design
Piston gate valve
Certification
c UL us - Recognized (OL)
Certificate issuing authority
DNVGL-TAA000011J
Degree of protection
IP65
IP67
With plug socket
as per IEC 60529
Type code
VSNC
Exhaust air function
With flow control option
Sealing principle
Soft
Mounting position
Any
Conforms to standard
VDI/VDE 3845 (NAMUR)
Manual override
Detenting
Non-detenting
Type of control
Pilot-controlled
Pilot air supply port
Internal
Flow direction
Non-reversible
Symbol
00991005
Lap
Overlap
Signal status display
With accessories
b-value
0.4
C value
5.6 l/sbar
Changeover time
11 ms
Duty cycle
100%
Coil characteristics
24 V DC: 3.3 W
Permissible voltage fluctuations
+/- 10 %
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Temperature of medium
-20 °C ... 60 °C
8/17/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 577296

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
577295 FESTO-577295 Datasheet
99Kb / 2P
Air solenoid valve
577297 FESTO-577297 Datasheet
97Kb / 2P
Air solenoid valve
577298 FESTO-577298 Datasheet
97Kb / 2P
Air solenoid valve
More results

Similar Description - 577296

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VUVG-B10-B52-ZT-F-1R8L FESTO-VUVG-B10-B52-ZT-F-1R8L Datasheet
96Kb / 2P
Air solenoid valve
VUVG-B10-M52-RZT-F-1R8L FESTO-VUVG-B10-M52-RZT-F-1R8L Datasheet
95Kb / 2P
Air solenoid valve
VUVG-B10-T32C-MZT-F-1R8L FESTO-VUVG-B10-T32C-MZT-F-1R8L Datasheet
101Kb / 2P
Air solenoid valve
VUVG-B10-T32H-AZT-F-1R8L FESTO-VUVG-B10-T32H-AZT-F-1R8L Datasheet
100Kb / 2P
Air solenoid valve
VUVG-BK10-B52-T-F-1H2L-S FESTO-VUVG-BK10-B52-T-F-1H2L-S Datasheet
95Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-G18-F7 FESTO-VUVS-LT20-M32C-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-N18-F7 FESTO-VUVS-LT20-M32C-MD-N18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32U-MD-G18-F7 FESTO-VUVS-LT20-M32U-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M52-MZD-G18-F7 FESTO-VUVS-LT20-M52-MZD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
MN1H-2-1-MS-NPT FESTO-MN1H-2-1-MS-NPT Datasheet
91Kb / 1P
Air solenoid valve
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com